Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1865 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 4Page - STMicroelectronics UM1865 Datasheet HTML 5Page - STMicroelectronics UM1865 Datasheet HTML 6Page - STMicroelectronics UM1865 Datasheet HTML 7Page - STMicroelectronics UM1865 Datasheet HTML 8Page - STMicroelectronics UM1865 Datasheet HTML 9Page - STMicroelectronics UM1865 Datasheet HTML 10Page - STMicroelectronics UM1865 Datasheet HTML 11Page - STMicroelectronics UM1865 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
Overview
UM1865
8/132
DocID027514 Rev 1
Figure 2. Bluetooth LE system with combined host and controller
1.1
BlueNRG-MS ACI architecture
The BlueNRG-MS is implemented using a combined host and controller solution. An
application command interface (ACI) is provided for accessing the BlueNRG-MS host and
controller.
User applications, i.e. programs running in another silicon chip, can send ACI commands to
control the BlueNRG-MS. The ACI commands should be sent over an SPI connection. The
SPI protocol is described in a later section.
The ACI interface also supports HCI commands. If a command is received the ACI will
check whether the command is for the host or for the controller. If the command is a HCI
command, i.e. a command for the controller, the ACI will forward directly the command to
the controller, bypassing it from the host. This implementation has two advantages: (1)
normally the host can control the LL/PHY without using the HCI commands, which improves
performance, and (2) user applications can still test the controller individually or set up some
low-level hardware parameters with the HCI commands, without going through the host.
Figure 3. BlueNRG-MS ACI architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com