Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1865 Datasheet(PDF) 50 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 46Page - STMicroelectronics UM1865 Datasheet HTML 47Page - STMicroelectronics UM1865 Datasheet HTML 48Page - STMicroelectronics UM1865 Datasheet HTML 49Page - STMicroelectronics UM1865 Datasheet HTML 50Page - STMicroelectronics UM1865 Datasheet HTML 51Page - STMicroelectronics UM1865 Datasheet HTML 52Page - STMicroelectronics UM1865 Datasheet HTML 53Page - STMicroelectronics UM1865 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 132 page
background image
Vendor specific commands
UM1865
50/132
DocID027514 Rev 1
4.3.27
Aci_Gap_Start_Auto_Conn_Establishment
Description:
Start the auto connection establishment procedure. The devices specified are added to the
white list of the controller and a LE_Create_Connection call will be made to the controller by
GAP with the initiator filter policy set to “use whitelist to determine which advertiser to
connect to”. When a command is issued to terminate the procedure by upper layer, a
LE_Create_Connection_Cancel call will be made to the controller by GAP.
Table 86. Aci_Gap_Start_Auto_Conn_Establishment
Command name
Parameters
Return
Aci_Gap_Start_Auto_Conn_Establishment
(0xFC99)
Scan_Interval
Scan_Window
Own_Address_Type
Conn_Interval_Min
Conn_Interval_Max
Conn_Latency
Supervision_Timeout
Conn_Len_Min
Conn_Len_Max
Num_WhiteList_Entries
Addr_Array
Status
Table 87. Aci_Gap_Start_Auto_Conn_Establishment command parameters
Parameter
Size
Description
Scan_Interval
2 bytes
Time interval from when the controller started its last LE scan
until it begins the subsequent LE scan. The scan interval should
be a number in the range 0x0004 to 0x4000. This corresponds to
a time range 2.5 msec to 10240 msec. For a number N, Time = N
* 0.625 msec.
Scan_Window
2 bytes
Amount of time for the duration of the LE scan. Scan_Window
shall be less than or equal to Scan_Interval. The scan window
should be a number in the range 0x0004 to 0x4000. This
corresponds to a time range 2.5 msec to 10240 msec. For a
number N, Time = N * 0.625 msec.
Own_Address_Type
1 byte
0x00: Public device address (default)
0x01: Random device address
Conn_Interval_Min
2 bytes
Minimum value for the connection event interval. This shall be
less than or equal to Conn_Interval_Max.
Range: 0x0006 to 0x0C80
Time = N * 1.25 msec
Time Range: 7.5 msec to 4 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com