Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1865 Datasheet(PDF) 107 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 103Page - STMicroelectronics UM1865 Datasheet HTML 104Page - STMicroelectronics UM1865 Datasheet HTML 105Page - STMicroelectronics UM1865 Datasheet HTML 106Page - STMicroelectronics UM1865 Datasheet HTML 107Page - STMicroelectronics UM1865 Datasheet HTML 108Page - STMicroelectronics UM1865 Datasheet HTML 109Page - STMicroelectronics UM1865 Datasheet HTML 110Page - STMicroelectronics UM1865 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 132 page
background image
DocID027514 Rev 1
107/132
UM1865
Vendor specific commands
132
Event(s) generated:
A command complete event is generated when this command is processed.
4.5.39
Aci_Gatt_Write_Resp
Description:
This command has to be sent by the application when it receives the
Evt_Blue_Gatt_Write_Permit_req. If the write can be allowed, then the status and error
code has to be set to 0. If the write cannot be allowed, then the status has to be set to 1 and
the error code has to be set to the error code that has to be passed to the client.
Table 237. Aci_Gatt_Confirm_Indication return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x46: Not allowed
- If the exchange has already taken place
- Channel not open
Table 238. Aci_Gatt_Write_Resp
Command name
Parameters
Return
Aci_Gatt_Write_Resp (0xFD26)
Connection handle
Attribute handle
Status
Error Code
Att_Val_Len
Att_Val
Status
Table 239. Aci_Gatt_Write_Resp command parameters
Parameter
Size
Description
Connection handle
2 bytes
Connection handle for which the command is given
Attribute handle
2 bytes
Handle of the attribute that was passed in the event
Evt_Blue
_Gatt_Write_Permit_req
Status
1 byte
0x00: The value can be written to the attribute specified by
handle
0x01: The value should not be written to the attribute specified by
the handle
Error Code
1 byte
The error code that has to be passed to the client in case the
write has to be rejected
Att_Val_Len
1 byte
Length of the value to be written as passed in the event
Evt_Blue_Gatt_Write_Permit_req
Att_Val
0-N bytes
Value as passed in the event Evt_Blue_Gatt_Write_Permit_req.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com