Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1865 Datasheet(PDF) 123 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 119Page - STMicroelectronics UM1865 Datasheet HTML 120Page - STMicroelectronics UM1865 Datasheet HTML 121Page - STMicroelectronics UM1865 Datasheet HTML 122Page - STMicroelectronics UM1865 Datasheet HTML 123Page - STMicroelectronics UM1865 Datasheet HTML 124Page - STMicroelectronics UM1865 Datasheet HTML 125Page - STMicroelectronics UM1865 Datasheet HTML 126Page - STMicroelectronics UM1865 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 132 page
background image
DocID027514 Rev 1
123/132
UM1865
Vendor specific commands
132
Event(s) generated:
The controller will generate a command complete event.
4.7.9
Device_Standby
Description:
Normally the BlueNRG-MS will automatically enter sleep mode to save power. This
Device_Standby command further put the device into the Standby mode instead of the sleep
mode. The difference is that, in sleep mode, the device can still wake up itself with the
internal timer. But in standby mode, this timer is also disabled. So the only possibility to
wake up the device is by the external signals, e.g. a HCI command sent via SPI bus.
Based on the measurement, the current consumption under sleep mode is ~2 uA. And this
value is ~1.5 uA in standby mode.
The command is only accepted when there is no other Bluetooth activity. Otherwise an error
code “command disallowed” will return.
Event(s) generated:
The controller will generate a command complete event.
1
3
-5.1
1
4
-2.1
1
5
1.4
1
6
4.7
1
7
8.0 (default)
Table 287. Set_Tx_power_level return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: ERR_INVALID_HCI_CMD_PARAMS
Table 286. Tx_power_level command parameters combination (continued)
EN_HIGH_POWER
PA_LEVEL
TX Power Level (dBm)
Table 288. Device_Standby
Command name
Parameters
Return
Device_Standby(0xFC13)
Status
Table 289. Device_Standby return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x0C: ERR_COMMAND_DISALLOWED
This command is not allowed when Bluetooth activity is ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com