Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1865 Datasheet(PDF) 128 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 124Page - STMicroelectronics UM1865 Datasheet HTML 125Page - STMicroelectronics UM1865 Datasheet HTML 126Page - STMicroelectronics UM1865 Datasheet HTML 127Page - STMicroelectronics UM1865 Datasheet HTML 128Page - STMicroelectronics UM1865 Datasheet HTML 129Page - STMicroelectronics UM1865 Datasheet HTML 130Page - STMicroelectronics UM1865 Datasheet HTML 131Page - STMicroelectronics UM1865 Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 128 / 132 page
background image
SPI interface
UM1865
128/132
DocID027514 Rev 1
5.2
SPI communication protocol
To communicate with the BlueNRG-MS, the data on the SPI bus must be formatted as
described in this section.
An SPI transaction is defined from the time instant when the master puts the nCS line to low,
until the time instant when the nCS line is back to high.
Each SPI transaction should contain 1 data frame. Each data frame should contain at least
5 bytes of header, and may have 0-N bytes of data.
5.2.1
Header
Figure 10. SPI header format
Figure 10 above shows an SPI frame, with minimum 5 bytes SPI header, and 0 byte SPI
data.
The header of the master is on the MOSI line, which is 1 control byte and 4 bytes 0x00. The
control byte can have only the value of 0x0A (SPI write) or 0x0B (SPI read).
The BlueNRG-MS returns the slave header on the MISO line at the same time. The 1st byte
is the SPI READY indication. It must be 0x02 to indicate the slave SPI interface is ready. If it
is any value other than 0x02, the master must ignore the following 4 bytes and abort the SPI
transaction. If the BlueNRG-MS SPI is ready (Ready byte = 0x02), the following 4 bytes give
2 buffer sizes for write and read, 2 bytes for each buffer. Of the 2-byte buffer size, the lower
byte comes first, then the higher byte. The write buffer size means how many bytes the
master can write to the BlueNRG-MS. The read buffer size means how many bytes in the
BlueNRG-MS are waiting for the master to read.
For example, if the slave header is 0x0200010500, the write buffer size is 0x0100 and the
read buffer size is 0x0005. So the master cannot write more than 256 bytes to the
BlueNRG-MS, and it should read back 5 bytes from the BlueNRG-MS as soon as possible.
The SPI master may poll the BlueNRG-MS by sending dummy SPI headers, just to check
what value is in the BlueNRG-MS SPI header. For example, the SPI master can send an
SPI frame with only 5 bytes header: the CTRL byte can be either write or read, then
following 4 bytes 0x00 dummy bytes. After the header, the SPI master stops the frame,
without sending any real data. So the write/read action will not happen in practice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com