Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
7LOLB
Local oscillator input low band.
This input is biased internally at around 1.6V when the chip is in low band
mode and 0V when the chip is in high band mode or powered down. The
LO signal typically needs to be AC coupled.
The noise performance, carrier suppression at low output powers and side-
band suppression are all a function of LO power.
The optimum LO power is between 0dBm and 3dBm.
The device will work with LO powers as low as -20dBm however this is at
the expense of higher noise performance at high output powers and poorer
sideband suppression.
8GND LO
Ground return for the local oscillator input signals.
The GND LO pin is effectively the complementary LO input for both the high
band and low band LO signals. It has significant amounts of LO signal flow-
ing through it. This pin is brought out as an independent ground to enable
the PCB board designer to isolate the LO return from the RF outputs
ground and the general chip ground.
It is recommended that this ground is kept isolated from the die flag
ground. Any connections between the GND LO and any other ground
should be made through a ground plane.
See pins 7 and 9.
9LOHB
Local oscillator input high band.
This input is biased internally at around 1.6V when the chip is in high band
mode and 0V when the chip is in low band mode or powered down. The LO
HB signal typically needs to be AC coupled.
The noise performance, carrier suppression at low output powers and side-
band suppression are all a function of LO power.
The optimum LO power is between 0dBm and 3dBm.
The device will work with LO powers as low as -20dBm however this is at
the expense of higher noise performance at high output powers and poorer
sideband suppression.
10
GND1
Ground for LO buffers.
See pin 6.
11
BAND SEL
Band select input to define active mode.
CMOS input.
Logic 1 (1.4V to VCC)=High band mode.
Logic 2 (0V to 0.5V)=Low band mode.
12
QSIG N
Quadrature channel negative baseband input port. See QSIGP.
LO L B
GN DL O
LO H B
GND L O
V CC 2
V CC2
12 pF
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com