Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Names and Descriptions
Pin
Function
Description
Interface Schematic
1VCC3
Supply for RF output circuits.
2VCC2
Supply for modulator and biasing circuits.
3ISIG P
In phase I channel positive baseband input port. Best performance is
achieved when the ISIGP and ISIGN are driven differentially. The recom-
mended CW differential drive level (VISIGP-VISIGN) is 800mVP-P.
This input should be DC-biased at 1.2V±0.05V. The common-mode DC
coltage on the ISIGP and ISIGN input signals is used to bias the modulator.
In sleep mode an internal FET switch is opened, the input goes high imped-
ance and the modulator is de-biased. The input impedance is typically
5.5k
 at low frequencies and at higher frequencies can be modeled as
50
 in series with 12pF to ground.
Phase or amplitude errors between the ISIGP and ISIGN signals may result
in the even order distortion of the modulation in the output spectrum.
DC offsets between the ISIGP and ISIGN signals will result in increased car-
rier leakage. Small DC offsets may be deliberately applied between the
ISIGP/ISIGN and QSIGP/QSIGN inputs to cancel out LO leakage. The opti-
mum corrective DC offsets will change with mode, frequency and gain con-
trol.
Common-mode noise on the ISIGP and ISGN should be kept low as it may
degrade the noise performance of the modulator.
Phase offsets may be applied between the I and Q channels to improve the
sideband suppression performance.
4ISIG N
In phase I channel negative baseband input port. See ISIGP.
5ENABLE
Enables power to the device.
CMOS input.
Logic 1 (1.4V to VCC)=Enabled.
Logic 0 (0V to 0.5V)=Powered Down.
6VCC1
Supply for the LO buffers and quadrature network.
The sideband suppression is a function of the VCC1 voltage. The inclusion
of R3 (39
) lowers the voltage on VCC1 by around 400mV and results an
improvement in sideband suppression but around a 0.2dB increase in
noise at 20MHz offset.
VCC3
RF Output
Amplifier
VCC2
Modulator and
VGA
VCC2
V CC2
12 pF
50
V CC2
12 p F
50
V CC 2
VCC1
LO Quadrature
Generator and
Buffers
GND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com