Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices RF2483 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
19
RF OUT HB
RF high band output. Open collector output.
The output should be biased at VCC through an inductor that can be used
to form part of an output matching circuit.
In our proposed applications circuit some power is dissipated in R4 (180
)
which appears as a de-Qing resistor in parallel with the output inductor L3.
If R4 is eliminated and the RFOUT HB pin is re-matched to 50
 it is possi-
ble to get approximately 3dB extra power out of the device in high band
mode.
20
GND3
Ground for RF output sections.
Die
Flag
GND4
Ground for modulator, variable gain amplifier and substrate.
2 PLCS
0.10 C B
2 PLCS
0.10 C A
2.00 TYP
-A-
2 PLCS
0.10 C A
4.00 SQ.
-B-
1.87 TYP
3.75 SQ.
2 PLCS
0.10 C B
0.05
0.00
0.90
0.85
0.05 C
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
Dimensions in mm.
NOTES:
1. Shaded lead is Pin 1.
Dimension applies to plated terminal:
to be measured between 0.20 mm and 0.25 mm
from terminal end.
2
2.25
1.95
SQ.
0.50
0.60
0.24
TYP
0.75
0.50
TYP
PIN 1
ID
0.20 R
0.10
C AB
M
0.30
0.18
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com