Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices RF2483 Datasheet HTML 16Page - RF Micro Devices RF2483 Datasheet HTML 17Page - RF Micro Devices RF2483 Datasheet HTML 18Page - RF Micro Devices RF2483 Datasheet HTML 19Page - RF Micro Devices RF2483 Datasheet HTML 20Page - RF Micro Devices RF2483 Datasheet HTML 21Page - RF Micro Devices RF2483 Datasheet HTML 22Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Build of Materials (BOM)
(700MHz to 1000MHz Low Band)
(1700MHz to 2200MHz High Band)
Notes:
1. Parts with * following the Reference Designator should not be populated on PCBA.
2. RFMD devices (DUT) may require baking per IPC/JEDEC J-STD-020 for a minimum of 24 hours at 125 +5/-0 deg C. Assem-
bly must take place within 12 hours of bake completion.
3. Manufacturers' P/Ns are subject to change by the manufacturers following the issue of this document and are thereby
included for reference only. Contact RFMD Corporate Engineering Materials with questions regarding specific Manufactur-
ers' P/Ns.
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
PCB, 2483
DYNAMIC DETAILS CANADA, INC.
RF2483410(B)
U1
RFMD
RF2483SB
RES, 1M, 5%, 1/16W, 0402
R1, R2
PANASONIC INDUSTRIAL CO
ERJ-2GEJ105
RES, 0
, 0402
R3
PANASONIC INDUSTRIAL CO
ERJ-2GE0R00
RES, 100
, 5%, 1/16W, 0402
R5
PANASONIC INDUSTRIAL CO
ERJ-2GEJ101
RES, 180
, 5%, 1/16W, 0402
R6
PANASONIC INDUSTRIAL CO
ERJ-2GEJ181
RES, 220
, 5%, 1/16W, 0402
R4
PANASONIC INDUSTRIAL CO
ERJ-2GEJ221
CAP, 1000pF, 10%, 25V, X7R, 0402
C7, C8, C9, C10
PANASONIC INDUSTRIAL CO
ECJ-0EB1E102K
CAP, 1pF, +/-0.25pF, 50V, C0G, 0402
C11
PANASONIC INDUSTRIAL CO
ECJ-0EC1H010C
CAP, 1.5pF, +/-0.25pF, 50V, C0G, 0402
C15
PANASONIC INDUSTRIAL CO
ECJ-0EC1H1R5C
CAP, 10000pF, 10%, 16V, X7R, 0402
C14
PANASONIC INDUSTRIAL CO
ECJ-0EB1C103K
CAP, 10pF, +/-0.5pF, 50V, C0G, 0402
C5
PANASONIC INDUSTRIAL CO
ECJ-0EC1H100D
CAP, 100pF, 5%, 50V, C0G, 0402
C3, C4, C6
PANASONIC INDUSTRIAL CO
ECJ-0EC1H101J
CAP, 1uF, 20%, 25V, TANT-A
C1, C2
AVX Corporation
TAJA105M025R
IND, 3.3nH, +/-0.3nH, M/L, 0402
L2, L3
Taiyo Yuden (USA), Inc.
LG HK10053N3S-T
IND, 6.8nH, 5%, M/L, 0402
L1
Taiyo Yuden (USA), Inc.
LG HK10056N8J-T
IND, 12nH, 5%, M/L, 0402
L4
Taiyo Yuden (USA), Inc.
LG HK100512NJ-T
NOT POPULATED ITEM-1 FOR PCBA BOM
C12*, C13*
DUMMY PART
CONN, HDR, ST, PLRZD, 3-PIN, 0.100"
P1, P2
ITW Pancon
MPSS100-3-C
CONN, SMA END LNCH, MINI, RND, 0.062"
J1, J2, J3, J4, J5, J6, J7, J8
JOHNSON COMPONENTS, INC.
142-0711-821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com