Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
13
QSIG P
Quadrature Q channel positive baseband input port.
Best performance is achieved when the ISIGP and ISIGN are driven differ-
entially. The recommended CW differential drive level (VQSIGP-VQSIGN) is
800mVP-P.
This input should be DC-biased at 1.2V±0.05V. The common-mode DC
voltage on the QSIGP and QSIGN input signals is used to bias the modula-
tor. In sleep mode an internal FET switch is opened, the input goes high
impedance and the modulator is de-biased. The input impedance is typi-
cally 5.5k
 at low frequencies and at higher frequencies can be modeled
as 50
 in series with 12pF to ground.
Phase or amplitude errors between the QSIGP and QSIGN signals which
may result in an increase in the even order distortion of the modulation in
the output spectrum.
DC offsets between the QSIGP and QSIGN signals will result in an
increased carrier leakage. Small DC offsets may be deliberately applied
between the ISIGP/ISIGN and QSIGP/QSIGN inputs to cancel out the LO
leakage. The optimum corrective DC offsets will change with mode, fre-
quency and gain control.
Common-mode noise on the QSIGP and QSIGN should be kept low as it
may degrade the noise performance of the modulator.
Phase offsets may be applied between the I and Q channels to improve the
sideband suppression performance.
14
VREF
Voltage reference decouple with an external 10nF capacitor to ground.
The voltage on this pin is typically 1.67V when the chip is enabled. The
voltage is 0V when the chip is powered down.
The purpose of this decoupling capacitor is to filter out low frequency noise
(20MHz) on the gain control lines.
Poor positioning of the VREF decoupling capacitor can cause a degrada-
tion in LO leakage.
A voltage of around 2.5V on this pin indicates that the die flag under the
chip is not grounded and the chip is not biased correctly.
15
GC DEC
Voltage reference decouple with an external 1nF decoupling capacitor to
ground.
The voltage on this pin is a function of gain control (GC) voltage when the
chip is enabled. The voltage is 0V when the chip is powered down.
The purpose of this decoupling capacitor is to filter out low frequency noise
(20MHz) on the gain control lines. The size of the capacitor on the GC DEC
line will effect the settling time response to a change in gain control volt-
age. A 1nF capacitor equates to around 200ns settling time and a 0.5nF
capacitor equates to a 100ns settling time. There is a trade-off between
settling time and noise contributions by the gain control circuitry as gain
control is applied.
Poor positioning of the VREF decoupling capacitor can cause a degrada-
tion in LO leakage.
16
GC
Gain control voltage. Maximum output power at 2.0V. Minimum output
power at 0V. When the chip is enabled the input impedance is 10k
 refer-
enced to 1.7VDC. When the chip is powered down a FET switch is opened
and the input goes high impedance.
17
RF OUT LB
RF low band output. Open collector output.
The output should be biased at VCC through an inductor that can be used
to form part of an output matching circuit.
In our proposed applications circuit some power is dissipated in R6 (130
)
which appears as a de-Qing resistor in parallel with the output inductor L4.
If R6 is eliminated and the RFOUT LB pin is re-matched to 50
 it is possi-
ble to get approximately 5dB extra power out of the device in low band
mode.
18
GND2
Ground for RF output sections.
V CC2
12 pF
50
4 k
VCC2
+
-
4 k
V CC2
+
-
V CC2
1.7 V
10 k
4 k
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com