Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2483 Datasheet HTML 1Page - RF Micro Devices RF2483 Datasheet HTML 2Page - RF Micro Devices RF2483 Datasheet HTML 3Page - RF Micro Devices RF2483 Datasheet HTML 4Page - RF Micro Devices RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
I/Q Modulator High Band
(1700MHz to 2200MHz)
VCC=2.7V, EN=2.7V, Bandsel=2.7V, FLO=1900MHz,
PLO=0dBm, LO HB and RF OUT HB ports are matched
to 50
. IQ=800mVP-P at 100kHz 1.2VDC. Input IQ sig-
nals driven differentially and in quadrature from a
50
 source impedance. TA=25oC
Baseband Input Voltage*
1.15
1.2
1.25
V
Common mode voltage
Baseband Input Level
0.8
VPP
Measured differentially
Baseband Input Impedance*
5.5
k
Measured at 100kHz
Input Bandwidth*
50
150
MHz
I/Q source impedance 50
Sideband Suppression
30
43
dBc
GC=2.0V, no I/Q adjustment
30
43
dBc
GC=1.5V, no I/Q adjustment
30
42
dBc
GC=1.0V, no I/Q adjustment
30
40
dBc
GC=0.5V, no I/Q adjustment
Carrier Suppression
30
37
dBc
GC=2.0V, no I/Q adjustment
30
35
dBc
GC=1.5V, no I/Q adjustment
20
23
dBc
GC=1.0V, no I/Q adjustment
20
22
dBc
GC=0.5V, no I/Q adjustment
3rd Harmonic of Modulation
Suppression at FLO-3x100kHz
40
47
dBc
GC=2.0V
40
47
dBc
GC=1.5V
40
54
dBc
GC=1.0V
40
46
dBc
GC=0.5V
Baseband Inputs DC Current Drain*
100
A
Baseband Inputs AC Current Drain*
100
APP
I/Q Modulator Low Band
(700MHz to 1000MHz)
VCC=2.7V, EN=2.7V, Bandsel=0V, FLO=900MHz,
PLO=0dBm, LO LB and RF OUT LB ports are matched
to 50
. IQ=800mVP-P at 100kHz 1.2VDC. Input IQ sig-
nals driven differentially and in quadrature from a
50
 source impedance. TA=25oC
Baseband Input Voltage*
1.15
1.2
1.25
V
Common mode voltage
Baseband Input Level
0.8
VPP
Measured differentially
Baseband Input Impedance*
5.5
k
Measured at 100kHz
Input Bandwidth*
50
150
MHz
I/Q source impedance 50
Sideband Suppression
30
41
dBc
GC=2.0V, no I/Q adjustment
30
43
dBc
GC=1.5V, no I/Q adjustment
30
42
dBc
GC=1.0V, no I/Q adjustment
30
40
dBc
GC=0.5V, no I/Q adjustment
Carrier Suppression
35
48
dBc
GC=2.0V, no I/Q adjustment
35
45
dBc
GC=1.5V, no I/Q adjustment
30
40
dBc
GC=1.0V, no I/Q adjustment
25
33
dBc
GC=0.5V, no I/Q adjustment
3rd Harmonic of Modulation
*=Not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com