Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9073 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9073
Description  The RT9073 is a low-dropout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9073 Datasheet HTML 1Page - Richtek Technology Corporation RT9073 Datasheet HTML 2Page - Richtek Technology Corporation RT9073 Datasheet HTML 3Page - Richtek Technology Corporation RT9073 Datasheet HTML 4Page - Richtek Technology Corporation RT9073 Datasheet HTML 5Page - Richtek Technology Corporation RT9073 Datasheet HTML 6Page - Richtek Technology Corporation RT9073 Datasheet HTML 7Page - Richtek Technology Corporation RT9073 Datasheet HTML 8Page - Richtek Technology Corporation RT9073 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9073
4
DS9073-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Input Voltage, VIN --------------------------------------------------------------------------------------------------------- 1.2V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
VIN, VOUT, SNS, EN to GND -------------------------------------------------------------------------------------------
−0.3V to 6.5V
VOUT to VIN ----------------------------------------------------------------------------------------------------------------
−6.5V to 0.3V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 -------------------------------------------------------------------------------------------------------------------- 0.45W
SC-70-5 ---------------------------------------------------------------------------------------------------------------------- 0.29W
Package Thermal Resistance (Note 2)
SOT-23-5,
θJA --------------------------------------------------------------------------------------------------------------- 218.1°C/W
SC-70-5,
θJA ---------------------------------------------------------------------------------------------------------------- 342.3°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------ 200V
(VOUT + 1 < VIN < 5.5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Range
VOUT
0.9
--
3.3
V
DC Output Accuracy
ILOAD = 1mA
2
--
2
%
Dropout Voltage
(ILOAD = 50mA)
(Note 5)
VDROP
0.9V
 VOUT  1.2V
--
0.5
0.65
V
1.2V
 VOUT  1.5V
--
0.3
0.4
1.5V
 VOUT  1.8V
--
0.2
0.24
1.8V
 VOUT  2.5V
--
0.15
0.18
2.5V
 VOUT  3V
--
0.1
0.15
3V
 VOUT
--
0.08
0.12
Dropout Voltage
(ILOAD = 250mA)
(Note 5)
VDROP
0.9V
 VOUT  1.2V
--
1.25
1.45
V
1.2V
 VOUT  1.5V
--
1
1.2
1.5V
 VOUT  1.8V
--
0.81
0.9
1.8V
 VOUT  2.5V
--
0.68
0.8
2.5V
 VOUT  3V
--
0.51
0.6
3V
 VOUT
--
0.45
0.6
VCC Consumption Current
IQ
ILOAD = 0mA, VOUT ≦ 5.5V
--
1
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com