Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9073 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9073
Description  The RT9073 is a low-dropout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9073 Datasheet HTML 3Page - Richtek Technology Corporation RT9073 Datasheet HTML 4Page - Richtek Technology Corporation RT9073 Datasheet HTML 5Page - Richtek Technology Corporation RT9073 Datasheet HTML 6Page - Richtek Technology Corporation RT9073 Datasheet HTML 7Page - Richtek Technology Corporation RT9073 Datasheet HTML 8Page - Richtek Technology Corporation RT9073 Datasheet HTML 9Page - Richtek Technology Corporation RT9073 Datasheet HTML 10Page - Richtek Technology Corporation RT9073 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9073
7
DS9073-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Output Voltage vs. Temperature
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V VOUT = 3.3V
ILOAD = 1mA
ILOAD = 250mA
Output Voltage vs. Temperature
0.86
0.87
0.88
0.89
0.90
0.91
-50
-25
0
25
50
75
100
125
Temperature (°C)
ILOAD = 1mA
ILOAD = 250mA
VIN = 5V VOUT = 0.9V
Output Voltage vs. Output Current
3.28
3.29
3.3
3.31
3.32
3.33
0
30
60
90
120
150
180
210
240
Output Current (mA)
VIN = 5V VOUT = 3.3V
Ground Current vs. Temperature
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 3.3V
Ground Current vs. Input Voltage
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
11.5
22.5
33.5
44.5
55.5
Input Voltage (V)
VOUT = 0.9V
Output Voltage vs. Input Voltage
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
11.5
22.5
33.5
44.5
55.5
Input Voltage (V)
VOUT = 0.9V, ILOAD = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com