Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9073 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9073
Description  The RT9073 is a low-dropout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9073 Datasheet HTML 6Page - Richtek Technology Corporation RT9073 Datasheet HTML 7Page - Richtek Technology Corporation RT9073 Datasheet HTML 8Page - Richtek Technology Corporation RT9073 Datasheet HTML 9Page - Richtek Technology Corporation RT9073 Datasheet HTML 10Page - Richtek Technology Corporation RT9073 Datasheet HTML 11Page - Richtek Technology Corporation RT9073 Datasheet HTML 12Page - Richtek Technology Corporation RT9073 Datasheet HTML 13Page - Richtek Technology Corporation RT9073 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RT9073
12
DS9073-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 6. Derating Curve of Maximum Power Dissipation
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
SOT-23-5
SC-70-5
where ISNS is the input Current at SNS pin (typical 550nA
at room temperature) and VSNS is determined by the
output voltage selections in the ordering information of
RT9073.
Current Limit
The RT9073 contains an independent current limiter, which
monitors and controls the pass transistor's gate voltage,
limiting the output current to 0.35A (typ.). The current
limiting level is reduced to around 250mA named fold-back
current limit when the output voltage is further decreased.
The output can be shorted to ground indefinitely without
damaging the part.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications the
maximum junction temperature is 125
°C and TA is the
ambient temperature. The junction to ambient thermal
resistance,
θJA, is layout dependent. For SOT-23-5
package, the thermal resistance,
θJA, is 218.1°C/W on a
standard JEDEC 51-7 four-layer thermal test board. For
SC-70-5 package, the thermal resistance,
θJA, is 342.3°C/
W on a standard JEDEC 51-7 four-layer thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (218.1°CW) = 0.45W for
SOT-23-5 package
PD(MAX) = (125
°C − 25°C) / (342.3°CW) = 0.29W for
SC-70-5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 6 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com