Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9073 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9073
Description  The RT9073 is a low-dropout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9073 Datasheet HTML 1Page - Richtek Technology Corporation RT9073 Datasheet HTML 2Page - Richtek Technology Corporation RT9073 Datasheet HTML 3Page - Richtek Technology Corporation RT9073 Datasheet HTML 4Page - Richtek Technology Corporation RT9073 Datasheet HTML 5Page - Richtek Technology Corporation RT9073 Datasheet HTML 6Page - Richtek Technology Corporation RT9073 Datasheet HTML 7Page - Richtek Technology Corporation RT9073 Datasheet HTML 8Page - Richtek Technology Corporation RT9073 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9073
3
DS9073-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
Basic operation
The RT9073 is a low quiescent current linear regulator
designed especially for low external components system.
The input voltage range is from 1.2V to 5.5V.
Output Transistor
The RT9073 builds in a P-MOSFET output transistor which
provides a low switch-on resistance for low dropout voltage
applications.
Error Amplifier
The ErrorAmplifier compares the internal reference voltage
with the output feedback voltage from the internal divider,
and controls the Gate voltage of P-MOSFET to support
good line regulation and load regulation at output voltage.
Enable
The RT9073 delivers the output power when it is set to
enable state. When it works in disable state, there is no
output power and the operation quiescent current is almost
zero.
Current Limit Protection
The RT9073 provides current limit function to prevent the
device from damages during over-load or shorted-circuit
condition. This current is detected by an internal sensing
transistor.
Over Temperature Protection
The over temperature protection function will turn off the
P-MOSFET when the junction temperature exceeds 150
°C
(typ.), VIN
≥ 1.5V and the output current exceeds 30mA.
Once the junction temperature cools down by
approximately 20
°C, the regulator will automatically
resume operation.
VIN
GND
EN
VOUT
R1
R2
Current/Thermal
Sense
Bandgap
Reference
SNS
(without sense
function)
(with sense
function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com