Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9073 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9073
Description  The RT9073 is a low-dropout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9073 Datasheet HTML 1Page - Richtek Technology Corporation RT9073 Datasheet HTML 2Page - Richtek Technology Corporation RT9073 Datasheet HTML 3Page - Richtek Technology Corporation RT9073 Datasheet HTML 4Page - Richtek Technology Corporation RT9073 Datasheet HTML 5Page - Richtek Technology Corporation RT9073 Datasheet HTML 6Page - Richtek Technology Corporation RT9073 Datasheet HTML 7Page - Richtek Technology Corporation RT9073 Datasheet HTML 8Page - Richtek Technology Corporation RT9073 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9073
5
DS9073-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
The dropout voltage is defined as VIN
− VOUT, when VOUT is 98% of the normal value of VOUT.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown GND Current
VEN = 0V
--
0.1
0.5
A
Shutdown Leakage Current
VEN = 0V, VOUT = 0V
--
0.1
0.5
A
EN Input Current
IEN
VEN = 5.5V
--
--
0.1
A
Line Regulation
LINE
ILOAD = 10mA
1.2V
 VIN  1.5V
--
--
0.6
%
1.5V
 VIN  1.8V
--
--
0.3
1.8V
 VIN  2.1V
--
--
0.1
2.1V
 VIN  5.5V
--
--
0.15
Load Regulation
LOAD
5mA < ILOAD < 250mA
--
--
1
%
Power Supply Rejection
Ratio
PSRR
VIN = 3V, ILOAD = 50mA,
COUT = 1F, VOUT = 2.5V, f = 1kHz
--
75
--
dB
Output Voltage Noise
COUT = 1F,
ILOAD = 30mA,
BW = 10Hz to
100kHz,
VIN = VOUT + 2V
VOUT = 0.9V
--
39
--
VRMS
VOUT = 1.2V
--
46
--
VOUT = 1.8V
--
48
--
VOUT = 3.3V
--
58
--
Output Current Limit
ILIM
Peak output current
260
350
500
mA
Fold-Back Current Limit
VOUT = 0.5V x VOUT(normal)
150
270
390
mA
Enable Input
Voltage
Logic-High
VIH
VIN = 5V
1.2
--
--
V
Logic-Low
VIL
VIN = 5V
--
--
0.4
Thermal Shutdown
Temperature
TSD
ILOAD = 30mA, VIN  1.5V
--
150
--
C
Thermal Shutdown
Hysteresis
TSD
--
20
--
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com