Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202BC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1202BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
12
______________________________________________________________________________________
Table 2. Control-Byte Format
Table 3. Channel Selection in Single-Ended Mode (SGL/D
DIIF
F = 1)
SEL1
SEL0
0
0
0
CH4
CH5
SEL2
CH6
CH7
GND
–
1
0
0
–
+
0
0
1
–
+
1
0
CH0
+
1
–
+
0
1
CH1
0
+
–
1
1
CH3
0
+
–
0
1
CH2
1
+
–
1
1
1
+
–
Table 4. Channel Selection in Differential Mode (SGL/D
DIIF
F = 0)
SEL1
SEL0
0
0
0
CH4
CH5
SEL2
CH6
CH7
0
0
1
–
+
0
1
0
+
–
0
1
CH0
+
1
+
–
1
0
CH1
–
0
–
+
1
0
CH3
1
+
–
1
1
CH2
0
–
+
1
1
1
–
+
PD0
Bit 0
(LSB)
SGL/DIF
Bit 2
PD1
Bit 1
UNI/BIP
Bit 3
SEL 0
Bit 4
Bit 7
(MSB)
SEL 1
SEL 2
START
Bit 5
Bit 6
1 = unipolar, 0 = bipolar. Selects unipolar or bipolar conversion mode. In unipolar mode, an
analog input signal from 0V to VREF can be converted; in bipolar mode, the signal can range
from -VREF / 2 to +VREF / 2.
1 = single ended, 0 = differential. Selects single-ended or differential conversions. In single-
ended mode, input signal voltages are referred to GND. In differential mode, the voltage dif-
ference between two channels is measured. (Tables 3 and 4.)
Selects clock and power-down modes.
PD1
PD0
Mode
00
Full power-down (IDD = 2µA, internal reference)
01
Fast power-down (IDD = 30µA, internal reference)
10
Internal clock mode
11
External clock mode
These three bits select which of the eight channels is used for the conversion
(Tables 3 and 4).
The first logic 1 bit after CS goes low defines the beginning of the control byte.
UNI/BIP
3
SGL/DIF
2
PD1
PD0
1
0 (LSB)
SEL2
SEL1
SEL0
6
5
4
START
7 (MSB)
Description
Name
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com