Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202BC/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1202BC/D Datasheet HTML 1Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 2Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, VL = 2.7V to 3.6V; VSS = 0V or -5V ±5%; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion
cycle (133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin;
TA = TMIN to TMAX; unless otherwise noted.)
MAX1202AC
TA = +25°C
External clock, 2MHz, 12 clocks/conversion
(Note 6)
On/off leakage current, VCH_ = ±5V
Bipolar, VSS = -5V
Unipolar, VSS = 0V
6
Used for data transfer only
Internal compensation mode (Note 6)
Internal clock
MAX1202AE
External compensation mode
External compensation mode, 4.7µF
±30
±60
CONDITIONS
ppm/°C
±30
±50
VREF Temperature Coefficient
mA
30
REF Short-Circuit Current
V
4.076
4.096
4.116
REF Output Voltage
pF
16
Input Capacitance
µA
±0.01
±1
Multiplexer Leakage Current
±VREF /2
4.7
V
VREF
Input Voltage Range, Single-
Ended and Differential (Note 7)
0
2.0
±30
0.1
0.4
MAX1202B
µF
MHz
0.1
2.0
External Clock Frequency Range
MHz
1.7
Internal Clock Frequency
0.01
0mA to 0.5mA output load
mV
2.5
Load Regulation (Note 8)
ns
10
Aperture Delay
µs
1.5
tACQ
Track/Hold Acquisition Time
µs
5.5
10
tCONV
Conversion Time (Note 5)
Internal compensation mode
µF
0
Capacitive Bypass at REF
Capacitive Bypass at REFADJ
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ps
%
±1.5
REFADJ Adjustment Range
V
2.50
VDD +
50mV
Input Voltage Range
µA
200
350
Input Current
k
Ω
12
20
Input Resistance
SHDN = 0V
µA
1.5
10
REF Input Current in Shutdown
V
VDD -
50mV
REFADJ Buffer Disable Threshold
<50
Aperture Jitter
CONVERSION RATE
INTERNAL REFERENCE (MAX1202 only, reference-buffer enabled)
ANALOG INPUT
EXTERNAL REFERENCE AT REF (Reference buffer disabled, VREF = 4.096V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com