Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202BC/D Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX1202BC/D Datasheet HTML 16Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 17Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 18Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 19Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 20Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 21Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 22Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 23Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
______________________________________________________________________________________
23
_Ordering Information (continued)
VDD
I/O
SCK (SK)
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
VSS
VL
GND
VDD
REFADJ
CH7
C3
0.1µF
C4
4.7µF
C5
0.1µF
CH0
+3V
+5V
C2
0.01µF
0V to
4.096V
ANALOG
INPUTS
MAX1202
CPU
C1
4.7µF
REF
__________Typical Operating Circuit
___________________Chip Information
*
Dice are specified at TA = +25°C, DC parameters only.
**
Contact factory for availability.
TRANSISTOR COUNT: 2503
SUBSTRATE CONNECTED TO VSS
PART
MAX1202AEPP
MAX1202BEPP
MAX1202AEAP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE PIN-PACKAGE
20 Plastic DIP
20 Plastic DIP
20 SSOP
MAX1202BEAP
-40°C to +85°C 20 SSOP
MAX1202BMJP
-55°C to +125°C 20 CERDIP**
INL
(LSB)
±1/2
±1
±1/2
±1
±1
MAX1203ACPP
MAX1203BCPP
MAX1203ACAP
0°C to +70°C
0°C to +70°C
0°C to +70°C
20 Plastic DIP
20 Plastic DIP
20 SSOP
MAX1203BCAP
0°C to +70°C
20 SSOP
MAX1203BC/D
0°C to +70°C
Dice*
±1/2
±1
±1/2
±1
±1
MAX1203AEPP
MAX1203BEPP
MAX1203AEAP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C 20 Plastic DIP
20 Plastic DIP
20 SSOP
MAX1203BEAP
-40°C to +85°C 20 SSOP
MAX1203BMJP
-55°C to +125°C 20 CERDIP**
±1/2
±1
±1/2
±1
±1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com