Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202BC/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1202BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
_______________________________________________________________________________________
7
1.0
2.0
1.8
1.6
1.4
1.2
4.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.7
5.1
5.5
4.9
MAX1202
MAX1203
0
-60
SUPPLY CURRENT
vs. TEMPERATURE
0.5
TEMPERATURE (°C)
100
2.0
1.0
1.5
-20
60
140
3.0
2.5
20
MAX1202
MAX1203
6
5
0
-60
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
4
TEMPERATURE (
°C)
60
2
1
-20
20
3
100
140
REFADJ = GND
FULL POWER-DOWN
0.8
0.6
0.7
0.5
0
-60
INTEGRAL NONLINEARITY
vs. TEMPERATURE
0.4
TEMPERATURE (
°C)
60
0.2
0.1
-20
20
0.3
100
140
3
2
-3
-60
CHANNEL-TO-CHANNEL OFFSET-ERROR
MATCHING vs. TEMPERATURE
1
TEMPERATURE (
°C)
60
-1
-2
-20
20
0
100
140
2.0
1.0
1.5
0.5
-2.0
-60
OFFSET ERROR
vs. TEMPERATURE
0
TEMPERATURE (
°C)
60
-1.0
-1.5
-20
20
-0.5
100
140
5
3
4
1
2
0
-5
-60
GAIN ERROR
vs. TEMPERATURE
-1
TEMPERATURE (
°C)
60
-3
-4
-20
20
-2
100
140
DIFFERENTIAL
SINGLE-ENDED
5
3
4
1
2
0
-5
-60
CHANNEL-TO-CHANNEL GAIN-ERROR
MATCHING vs. TEMPERATURE
-1
TEMPERATURE (
°C)
60
-3
-4
-20
20
-2
100
140
__________________________________________Typical Operating Characteristics
(VDD = 5V ±5%; VL = 2.7V to 3.6V; VSS = 0V; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle
(133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin; TA = +25°C;
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com