Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202BC/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1202BC/D Datasheet HTML 1Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 2Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, VL = 2.7V to 3.6V; VSS = 0V or -5V ±5%; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion
cycle (133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin;
TA = TMIN to TMAX; unless otherwise noted.)
CS = VL (Note 6)
CS = VL
ISOURCE = 1mA
ISINK = 3mA
SHDN = open
SHDN = 0V
SHDN = VDD
(Note 6)
VIN = 0V or VDD
SHDN = open
ISINK = 5mA
CONDITIONS
pF
15
COUT
Three-State Output Capacitance
µA
±10
IL
Three-State Leakage Current
V
VL - 0.5
VOH
Output Voltage High
V
0.4
VOL
Output Voltage Low
nA
-100
100
SHDN Maximum Allowed
Leakage, Mid-Input
V
2.75
VFLT
SHDN Voltage, Floating
µA
-4.0
ISL
SHDN Input Current, Low
µA
4.0
ISH
SHDN Input Current, High
V
VDD - 0.5
VSH
SHDN Input High Voltage
V
0.4
VOL
Output Voltage Low
V
0.8
VIL
V
2.0
VIH
DIN, SCLK, CS Input High Voltage
DIN, SCLK, CS Input Low Voltage
ISINK = 8mA
0.3
V
1.5
VDD - 1.5
ISINK = 6mA
VSM
0.3
pF
15
CIN
DIN, SCLK, CS Input Capacitance
µA
±1
IIN
DIN, SCLK, CS Input Leakage
SHDN Input Mid-Voltage
ISOURCE = 1mA
V
V
0.15
VHYST
DIN, SCLK, CS Input Hysteresis
4
VOH
Output Voltage High
CS = 5V
µA
±10
IL
Three-State Leakage Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CS = 5V (Note 6)
pF
15
COUT
Three-State Output Capacitance
V
0.5
VSL
SHDN Input Low Voltage
DIGITAL INPUTS: DIN, SCLK, C
CS
S, S
SH
HD
DN
N
DIGITAL OUTPUTS: DOUT, SSTRB (VL = 2.7V to 3.6V)
DIGITAL OUTPUTS: DOUT, SSTRB (VL = 4.75V to 5.25V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com