Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202BC/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1202BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 16Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
______________________________________________________________________________________
13
Figure 6. 24-Bit External Clock Mode Conversion Timing (MICROWIRE and SPI Compatible)
Simple Software Interface
Make sure the CPU’s serial interface runs in master
mode so the CPU generates the serial clock. Choose a
clock frequency from 100kHz to 2MHz.
1) Set up the control byte for external clock mode and
call it TB1. TB1’s format should be: 1XXXXX11 binary,
where the Xs denote the particular channel and
conversion mode selected.
2) Use a general-purpose I/O line on the CPU to pull
CS on the MAX1202/MAX1203 low.
3) Transmit TB1 and simultaneously receive a byte
and call it RB1. Ignore RB1.
4) Transmit a byte of all zeros ($00 hex) and simulta-
neously receive byte RB2.
5) Transmit a byte of all zeros ($00 hex) and simulta-
neously receive byte RB3.
6) Pull CS on the MAX1202/MAX1203 high.
Figure 6 shows the timing for this sequence. Bytes RB2
and RB3 contain the result of the conversion padded with
one leading zero and three trailing zeros. The total conver-
sion time is a function of the serial-clock frequency and
the amount of idle time between 8-bit transfers. To avoid
excessive T/H droop, make sure that the total conversion
time does not exceed 120µs.
Digital Output
In unipolar-input mode, the output is straight binary
(Figure 15); for bipolar inputs, the output is two’s-
complement (Figure 16). Data is clocked out at SCLK’s
falling edge in MSB-first format. The digital output logic
level is adjusted with the VL pin. This allows DOUT and
SSTRB to interface with 3V logic without the risk of
overdrive. The MAX1202/MAX1203’s digital inputs are
designed to be compatible with 5V CMOS logic as well
as 3V logic.
Internal and External Clock Modes
The MAX1202/MAX1203 can use either an external ser-
ial clock or the internal clock to perform the successive-
approximation conversion. In both clock modes, the
external clock shifts data in and out of the MAX1202/
MAX1203. The T/H acquires the input signal as the last
three bits of the control byte are clocked into DIN. Bits
PD1 and PD0 of the control byte program the clock
mode. Figures 7–10 show the timing characteristics
common to both modes.
External Clock
In external clock mode, the external clock not only shifts
data in and out, but it also drives the A/D conversion
steps. SSTRB pulses high for one clock period after the
last bit of the control byte. Successive-approximation bit
decisions are made and appear at DOUT on each of the
next 12 SCLK falling edges (Figure 6). SSTRB and
DOUT go into a high-impedance state when CS goes
high; after the next CS falling edge, SSTRB outputs a
logic low. Figure 8 shows SSTRB timing in external clock
mode.
SSTRB
SCLK
DIN
DOUT
14
8
12
16
20
24
START
SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1
PD0
B11
MSB
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
LSB
1.5µs
(SCLK = 2MHz)
IDLE
FILLED WITH
ZEROS
IDLE
CONVERSION
tACQ
ADC STATE
CS
RB1
RB2
RB3
ACQUISITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com