Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1602EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1602EEE
Description  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1602EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
________________________________________________________________
Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
19-1125; Rev 0; 9/96
PART
MAX1602EEE
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
_______________General Description
The MAX1602 DC power-switching IC contains a net-
work of low-resistance MOSFET switches that deliver
selectable VCC and VPP voltages to a single CardBus
or PC Card host socket. Key features include low-
resistance switches, small packaging, soft-switching
action, and compliance with PCMCIA specifications for
3V/5V switching. 3.3V-only power switching for fast,
32-bit CardBus applications is supported in two ways:
low-resistance 3.3V switches allow high 3.3V load cur-
rents (up to 1A); and completely independent internal
charge pumps let the 3.3V switch operate normally,
even if the +5V and +12V supplies are disconnected or
turned off to conserve power. The internal charge
pumps are regulating types that draw reduced input
current when the VCC switches are static. Power con-
sumption is automatically reduced to 11µA max when
the outputs are high-Z or GND.
Other key features include guaranteed specifications
for output current limit level, and guaranteed specifi-
cations for output rise/fall times (in compliance with
PCMCIA specifications). Reliability is enhanced by
thermal-overload protection, accurate current limiting,
an overcurrent-fault flag output, and undervoltage lock-
outs. The CMOS/TTL-logic interface is flexible, and can
tolerate logic input levels in excess of the positive sup-
ply rail.
The MAX1602 fits a complete CardBus/PCMCIA switch
into a space-saving, 16-pin QSOP package.
________________________Applications
Data Loggers
Handy-Terminals
Docking Stations
PCMCIA Read/Write Drives
____________________________Features
o Supports a Single PC Card/CardBus Socket
o 1A, 0.25
Ω Max 3.3V VCC Switch
1A, 0.25
Ω Max 5V VCC Switch
o Soft Switching for Low Inrush Surge Current
o Overcurrent Protection
o Overcurrent/Thermal-Fault Flag Output
o Thermal Shutdown at Tj = +150°C
o Independent Internal Charge Pumps
o Break-Before-Make Switching Action
o 11µA Max Standby Supply Current
o 5V and 12V Not Required for Low-RDS(ON)
3.3V Switching
o Complies with PCMCIA 3V/5V Switching
Specifications
o Super-Small 16-Pin QSOP Package
o Code Compatible with:
Cirrus CL-PD67XX Family
Databook DB86184
Intel 82365SL (industry-standard coding)
DECODE
LOGIC
VX
12IN
VY
VY
OVERCURRENT
AND
THERMAL
SHUTDOWN
MAX1602
VDD
CODE
SELECT
GND
VPP
VCC
VCC
VCC
VCC
FAULT
CODE
CONTROL
INPUTS
__________Simplified Block Diagram
______________Ordering Information
Pin Configuration appears on last page.


Similar Part No. - MAX1602EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
More results

Similar Description - MAX1602EEE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1312 LINER-LT1312 Datasheet
259Kb / 12P
Single PCMCIA VPP Driver/Regulator
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
Single-Slot PCMCIA/CardBus Power Controllers
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com