Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1602EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1602EEE
Description  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1602EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VY = 3.3V, VX = 5V, 12IN = 12V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
VCC, 0V to VX or VY, CL = 30µF, RL = 25Ω,
50% of input to 90% of output, TA = +25°C
Hysteresis = 20°C (Note 4)
V FAULT = 5.5V, high state
ISINK = 1mA, low state
VPP forced to 0V, high-Z state, TA = +25°C
VCC or VPP, load step to
FAULT output,
50% point to 50% point (Note 3)
VPP < 0.4V, programmed to 0V state
VPP programmed to 12V
VPP
12IN = 11.6V, ISWITCH = 100mA, TA = +25°C
Programmed to VX (5V) or VY (3.3V), TA = +25°C
VPP, 0V to 12IN, CL = 0.1µF,
50% of input to 90% of output, TA = +25°C
CONDITIONS
°C
150
Thermal Shutdown Threshold
µA
-0.5
0.5
FAULT Output Leakage Current
V
0.4
FAULT Output Low Voltage
µs
1
FAULT Signal Propagation Delay
ms
1.2
30
Output Propagation Delay
Plus Rise Time
ms
210
Output Propagation Delay
Plus Rise Time
µA
0.1
10
Output Leakage Current
mA
10
Output Sink Current
mA
130
200
260
Output Current Limit
mA
0
120
Operating Output Current Range
Ω
0.70
1
On-Resistance, 12V Switches
Ω
36
On-Resistance, VPP = VCC Switches
UNITS
MIN
TYP
MAX
PARAMETER
VCC, VX or VY to 0V, CL = 30µF, RL = open circuit,
50% of input to 10% of output, TA = +25°C
ms
90
150
Output Propagation Delay
Plus Fall Time
VCC, VX or VY to 0V, CL = 1µF, RL = 25Ω,
90% to 10% points
ms
6
Output Fall Time
“Databook” code
“Cirrus” code
“Intel” code
__VCC, __VPP
__VCC, __VPP
V
1.2
VY - 1.2
Code Input Mid-Level Voltage
V
VY - 0.4
VY
Code Input High Voltage
V
0
0.4
Code Input Low Voltage
V
1.5
Logic Input High Voltage
V
0.6
Logic Input Low Voltage
VPP, 0V to 12IN, CL = 0.1µF,
10% to 90% points, TA = +25°C
µs
100
600
Output Rise Time
__VCC, __VPP, code
µA
-1
1
Logic Input Bias Current
VCC, 0V to VX or VY, CL = 1µF, RL = open circuit,
10% to 90% points, TA = +25°C
µs
100
1200
Output Rise Time
VPP, 12IN to 0V, CL = 0.1µF, RL = 100Ω
90% to 10% points
VPP, 12IN to 0V, CL = 0.1µF,
50% of input to 10% of output, TA = +25°C
ms
6
Output Fall Time
ms
960
Output Propagation Delay
Plus Fall Time
VCC forced to 0V, high-Z state, TA = +25°C
µA
110
Output Leakage Current
VCC < 0.4V, programmed to 0V state
mA
10
Output Sink Current
VPP SWITCHES
INTERFACE AND LOGIC SECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com