Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1602EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1602EEE
Description  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1602EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
_______________________________________________________________________________________
7
_____________________________Typical Operating Characteristics (continued)
(VY = 3.3V, VX = 5V, 12IN = 12V, TA = +25°C, unless otherwise noted.)
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
VY ON-RESISTANCE
vs. VCC LOAD CURRENT
VCC LOAD CURRENT (mA)
TA = +85°C
TA = +25°C
TA = -40°C
640
645
650
655
660
665
670
675
680
0
20406080
100
120
12IN ON-RESISTANCE
vs. CURRENT
CURRENT (mA)
0
010
12
12IN SUPPLY CURRENT
vs. INPUT VOLTAGE
3
INPUT VOLTAGE (V)
246
8
7
5
1
2
4
6
500
550
600
650
700
750
800
850
-40
-20
0
20
40
60
80
100
12IN ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
ILOAD = 100mA
0
05
6
VX SUPPLY CURRENT
vs. INPUT VOLTAGE
0.3
INPUT VOLTAGE (V)
12
3
4
0.7
0.5
0.1
0.2
0.4
0.8
0.9
0.6
50
45
0
5
10
15
20
25
30
35
40
01
3
5
VY SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
24
SHUTDOWN
NORMAL
OPERATION
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
VX ON-RESISTANCE
vs. VCC LOAD CURRENT
VCC LOAD CURRENT (mA)
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com