Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1602EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1602EEE
Description  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1602EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VY = 3.3V, VX = 5V, 12IN = 12V, TA = -40°C to +85°C, unless otherwise noted.)
All switches 0V or high-Z, control inputs = 0V or VY
Any combination of VY switches on,
control inputs = 0V or VY, no VCC loads
12V switches on, control inputs = 0V or VY, no VPP loads
V
3.0
5.5
0.6
µA
15
VX Standby Supply Current
VY falling edge, hysteresis = 1%
Logic Input Low Voltage
__VCC, __VPP
VX, VY
200
12IN
µA
VY Quiescent Supply Current
1.8
µA
15
VX, all switches 0V or high-Z,
control inputs = 0V or VY, TA = TMIN to TMAX
12IN Standby Supply Current
V
1.4
2.9
Undervoltage Lockout Threshold
510
Any combination of VX switches on,
control inputs = 0V or high-Z, no VCC loads
CONDITIONS
12IN falling edge
2.3
2.9
V
11
13
All switches 0V or high-Z, control inputs = 0V or VY
12IN rising edge
Input Voltage Range
VX, VY falling edge
µA
30
VY Standby Supply Current
µA
50
VX Quiescent Supply Current
µA
100
12IN Quiescent Supply Current
UNITS
MIN
TYP
MAX
PARAMETER
V
1.6
Logic Input High Voltage
__VCC, __VPP
V
0.4
FAULT Output Low Voltage
ISINK = 1mA, low state
POWER-SUPPLY SECTION
Note 3: Not production tested.
Note 4: Thermal limit not active in standby state (all switches programmed to GND or high-Z state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com