Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1602EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1602EEE
Description  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1602EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
6
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(VY = 3.3V, VX = 5V, 12IN = 12V, TA = +25°C, unless otherwise noted.)
CL = 1µF, RL = 50Ω
VPP CURRENT LIMITING
10
5
0
2ms/div
VPP
(V)
RL = 0.1Ω
INPUT CURRENT (VPP OUTPUT SHORTED)
10
5
0
200
300
100
0
100
µs/div
VPP
(V)
I12IN
(mA)
CL = 1µF, RESISTIVE OVERLOAD, RL = 1Ω
VCC CURRENT LIMITING
4
2
0
2ms/div
VCC
(V)
INPUT CURRENT (VCC OUTPUT SHORTED)
1.5
2.0
1.0
0.5
0
1ms/div
IVY
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com