Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1602EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1602EEE
Description  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1602EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VY = 3.3V, VX = 5V, 12IN = 12V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Inputs/Outputs to GND
(VX, VY, VCC) (Note 1) ..........................................-0.3V, +6V
VPP Input/Output to GND
(12IN, VPP) (Note 1) ............................................-0.3V, +15V
Logic Inputs to GND (A0VCC, A1VCC,
A0VPP, A1VPP) (Note 1)........................................-0.3V, +6V
CODE Input to GND ........................................-0.3V, (VY + 0.3V)
VCC Output Current (Note 2)...................................................4A
VPP Output Current (Note 2).............................................260mA
VCC Short Circuit to GND ..........................................Continuous
VPP Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.3mW/°C above +70°C) ....................667mW
Operating Temperature Range
MAX1602EEE .................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
2.4
2.6
2.8
V
11
13
Input Voltage Range
µA
311
VY Standby Supply Current
µA
10
50
VX Quiescent Supply Current
µA
5
100
12IN Quiescent Supply Current
UNITS
MIN
TYP
MAX
PARAMETER
All switches 0V or high-Z,
control inputs = 0V or VY, TA = +25°C
20
200
µA
VY Quiescent Supply Current
3.0
5.5
Ω
A
01
Operating Output Current Range
Ω
0.09
0.25
On-Resistance, VX Switches
µA
1
VX Standby Supply Current
µA
1
12IN Standby Supply Current
1.8
3.0
V
1.4
1.9
2.8
Undervoltage Lockout Threshold
5.0
8.0
10.0
VY falling edge
VX, VY
12IN
VX all switches 0V or high-Z,
control inputs = 0V or VY, TA = +25°C
VCC, VX = VY = 3V to 5.5V
Control inputs = 0V or VY, no VCC loads
CONDITIONS
12IN falling edge
Any combination of VY switches on,
control inputs = 0V or VY, no VCC loads
12IN = 0V to 13V, VX = 4.5V, VY = 0V to 5.5V,
ISWITCH = 1A, TA = +25°C
All switches 0V or high-Z,
control inputs = 0V or VY, TA = +25°C
12IN rising edge
VX falling edge
12IN = 0V to 13V, VY = 3V, VX = 0V to 5.5V,
ISWITCH = 1A, TA = +25°C
0.09
0.25
On-Resistance, VY Switches
VPP 12V switches on,
control inputs = 0V or VY, no VPP loads
A
1.2
4
Output Current Limit
VCC
POWER-SUPPLY SECTION
VCC SWITCHES
Note 1: There are no parasitic diodes between any of these pins, so there are no power-up sequencing restrictions (for example,
logic input signals can be applied even if all of the supply voltage inputs are grounded).
Note 2: VCC and VPP outputs are internally current limited. See the
Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com