Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX474C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX474C/D
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX474C/D Datasheet HTML 1Page - Maxim Integrated Products MAX474C/D Datasheet HTML 2Page - Maxim Integrated Products MAX474C/D Datasheet HTML 3Page - Maxim Integrated Products MAX474C/D Datasheet HTML 4Page - Maxim Integrated Products MAX474C/D Datasheet HTML 5Page - Maxim Integrated Products MAX474C/D Datasheet HTML 6Page - Maxim Integrated Products MAX474C/D Datasheet HTML 7Page - Maxim Integrated Products MAX474C/D Datasheet HTML 8Page - Maxim Integrated Products MAX474C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The single MAX473, dual MAX474, and quad MAX475
are single-supply (2.7V to 5.25V), unity-gain-stable op
amps with rail-to-rail output swing. Each op amp guar-
antees a 10MHz unity-gain bandwidth, 15V/µs slew
rate, and 600
Ω drive capability while typically consum-
ing only 2mA supply current. In addition, the input
range includes the negative supply rail and the output
swings to within 50mV of each supply rail.
Single-supply operation makes these devices ideal for
low-power and low-voltage portable applications. With
their fast slew rate and settling time, they can replace
higher-current op amps in large-signal applications.
The MAX473/MAX474/MAX475 are available in DIP and
SO packages in the industry-standard op-amp pin
configurations. The MAX473 and MAX474 are also
offered in the µMAX package, the smallest 8-pin SO.
________________________Applications
Portable Equipment
Battery-Powered Instruments
Signal Processing
Discrete Filters
Signal Conditioning
Servo-Loops
____________________________Features
o 15V/µs Min Slew Rate
o +3V Single-Supply Operation
o Guaranteed 10MHz Unity-Gain Bandwidth
o 2mA Supply Current per Amplifier
o Input Range Includes Negative Rail
o Outputs Short-Circuit Protected
o Rail-to-Rail Output Swing (to within ±50mV)
o µMAX Package (the smallest 8-pin SO)
______________Ordering Information
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
NULL
VCC
OUT
N.C.
VEE
IN+
IN-
NULL
MAX473
DIP/SO/µMAX
TOP VIEW
1
2
3
4
8
7
6
5
VCC
OUTB
INB-
INB+
VEE
INA+
INA-
OUTA
MAX474
DIP/SO/µMAX
A
B
Pin Configurations continued on last page.
_________________Pin Configurations
9.9k
9.9k
9.9k
9.9k
9.9k
9.9k
127k
3V
3V
3V
1V
1V
BANDPASS OUTPUT
1Vp-p at 190kHz
VIN
100mVp-p
1V
fo = 190kHz
Q = 10
BANDPASS FILTER
82pF
82pF
1/4 MAX475
1/4 MAX475
1/4 MAX475
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0260; Rev 1; 3/95
PART
MAX473CPA
MAX473CSA
MAX473C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX473EPA
-40°C to +85°C
8 Plastic DIP
MAX473ESA
-40°C to +85°C
8 SO
MAX473MJA
-55°C to +125°C
8 CERDIP
Ordering Information continued on last page.
* Dice are specified at TA = +25°C, DC parameters only.
MAX473CUA
0°C to +70°C
8 µMAX


Similar Part No. - MAX474C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740ETE+ MAXIM-MAX4740ETE+ Datasheet
289Kb / 13P
Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740EVE+ MAXIM-MAX4740EVE+ Datasheet
289Kb / 13P
Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740H MAXIM-MAX4740H Datasheet
289Kb / 13P
Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740HETE+ MAXIM-MAX4740HETE+ Datasheet
289Kb / 13P
Quad SPDT Audio Switches
Rev 1; 11/07
More results

Similar Description - MAX474C/D

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
logo
Linear Technology
LT6205 LINER-LT6205 Datasheet
430Kb / 16P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
logo
Linear Technology
LT6205 LINER-LT6205_1 Datasheet
261Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT6207 LINER-LT6207_15 Datasheet
266Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com