Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX474C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX474C/D
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX474C/D Datasheet HTML 1Page - Maxim Integrated Products MAX474C/D Datasheet HTML 2Page - Maxim Integrated Products MAX474C/D Datasheet HTML 3Page - Maxim Integrated Products MAX474C/D Datasheet HTML 4Page - Maxim Integrated Products MAX474C/D Datasheet HTML 5Page - Maxim Integrated Products MAX474C/D Datasheet HTML 6Page - Maxim Integrated Products MAX474C/D Datasheet HTML 7Page - Maxim Integrated Products MAX474C/D Datasheet HTML 8Page - Maxim Integrated Products MAX474C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(+3V
≤ VCC ≤ +5V, VEE = 0V, VCM = 0.5V, VOUT = 0.5V, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
(+3V
≤ VCC ≤ +5V, VEE = 0V, VCM = 0.5V, VOUT = 0.5V, TA = 0°C to +70°C, unless otherwise noted.)
CL = 20pF
CL = 150pF
To 0.1%, CL = 20pF
Single supply
Per amplifier
RL = 10kΩ,
CL = 20pF
RL = 10kΩ,
CL = 20pF
CONDITIONS
%
5
Overshoot
10
ns
400
tS
Settling Time
2.7
5.25
mA
2.0
3.0
IS
Supply Current
63
degrees
58
Phase Margin
10
dB
12
Gain Margin
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX475
MAX474
MAX473
Dual supplies
Single supply
VIN+ - VIN- = +1V, RL = no load
Per amplifier
VCC = 5V, RL = 10kΩ, CL = 20pF,
VIN+ - VIN- = +1V step
0.4V
≤ VOUT ≤
(VCC - 0.6V)
Current flows out of terminals
VEE ≤ VCM ≤ (VCC - 1.9V)
VCC = 2.7V to 6.0V
CONDITIONS
V
±1.35
±2.625
Operating Supply-Voltage
Range
2.7
5.25
mA
3.3
IS
Supply Current
V/µs
SR
Slew Rate
mV
±3.0
VOS
Input Offset Voltage
±2.0
±2.0
V
VOH
Output Voltage
VCC - 0.07
dB
80
AVOL
Large-Signal Gain
(Note 1)
94
nA
0
175
IB
Input Bias Current
nA
±35
IOS
Input Offset Current
dB
78
CMRR
Common-Mode Rejection Ratio
dB
78
PSRR
Power-Supply Rejection Ratio
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Dual supplies
V
±1.35
±2.625
Operating Supply-Voltage
Range
VCC = 5V
VCC = 3V
VCC = 5V
VCC = 3V
RL = 10kΩ
RL = 600Ω
12
AV = +1, VIN = 1/2 VCC step, see Typical
Operating Characteristics
ns
700
tPU
Power-Up Time
VOL
VIN+ - VIN- = -1V, RL = no load
VEE + 0.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com