Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX474C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX474C/D
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX474C/D Datasheet HTML 4Page - Maxim Integrated Products MAX474C/D Datasheet HTML 5Page - Maxim Integrated Products MAX474C/D Datasheet HTML 6Page - Maxim Integrated Products MAX474C/D Datasheet HTML 7Page - Maxim Integrated Products MAX474C/D Datasheet HTML 8Page - Maxim Integrated Products MAX474C/D Datasheet HTML 9Page - Maxim Integrated Products MAX474C/D Datasheet HTML 10Page - Maxim Integrated Products MAX474C/D Datasheet HTML 11Page - Maxim Integrated Products MAX474C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
_Ordering Information (continued)
____Pin Configurations (continued)
_________________Chip Topographies
* Dice are specified at TA = +25°C, DC parameters only.
NULL
OUT
VCC
NULL
IN-
IN+
VEE
0.065"
(1.651mm)
0.052"
(1.321mm)
OUTB
INB+
INB-
OUTA
INA+
INA-
VCC
VEE
0.084"
(2.134mm)
0.058"
(1.473mm)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
TOP VIEW
MAX475
INC+
INC-
OUTC
OUTB
INB-
INB+
DIP/SO
A
D
B
C
TRANSISTOR COUNT: 185
SUBSTRATE CONNECTED TO VEE
TRANSISTOR COUNT: 355
SUBSTRATE CONNECTED TO VEE
MAX474
MAX473
PART
MAX474CPA
MAX474CSA
MAX474C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX474EPA
-40°C to +85°C
8 Plastic DIP
MAX474ESA
-40°C to +85°C
8 SO
MAX474MJA
-55°C to +125°C
8 CERDIP
MAX475CPD
0°C to +70°C
14 Plastic DIP
MAX475CSD
0°C to +70°C
14 SO
MAX475EPD
-40°C to +85°C
14 Plastic DIP
MAX475ESD
-40°C to +85°C
14 SO
MAX475MJD
-55°C to +125°C
14 CERDIP
MAX474CUA
0°C to +70°C
8 µMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com