Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX474C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX474C/D
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX474C/D Datasheet HTML 1Page - Maxim Integrated Products MAX474C/D Datasheet HTML 2Page - Maxim Integrated Products MAX474C/D Datasheet HTML 3Page - Maxim Integrated Products MAX474C/D Datasheet HTML 4Page - Maxim Integrated Products MAX474C/D Datasheet HTML 5Page - Maxim Integrated Products MAX474C/D Datasheet HTML 6Page - Maxim Integrated Products MAX474C/D Datasheet HTML 7Page - Maxim Integrated Products MAX474C/D Datasheet HTML 8Page - Maxim Integrated Products MAX474C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
4
_______________________________________________________________________________________
Note 1: Gain decreases to zero as the output swings beyond the specified limits.
Note 2: Guaranteed by correlation to slew rate.
RL = 10kΩ
RL = 600Ω
10
MAX475
MAX474
MAX473
Dual supplies
Single supply
VIN+ - VIN- = +1V, RL = no load
Per amplifier
VCC = 5V, RL = 10kΩ, CL = 20pF,
VIN + - VIN- = +1V step
0.4V
≤ VOUT ≤
(VCC - 0.6V)
Current flows out of terminals
VEE ≤ VCM ≤ (VCC - 2.0V)
VCC = 2.7V to 6.0V
CONDITIONS
V
±1.35
±2.625
Operating Supply-Voltage
Range
2.7
5.25
mA
3.4
IS
Supply Current
V/µs
SR
Slew Rate
mV
±3.3
VOS
Input Offset Voltage
±2.3
±2.3
V
VOH
Output Voltage
VCC - 0.08
dB
72
AVOL
Large-Signal Gain
(Note 1)
94
nA
0
200
IB
Input Bias Current
nA
±50
IOS
Input Offset Current
dB
72
CMRR
Common-Mode Rejection Ratio
dB
72
PSRR
Power-Supply Rejection Ratio
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 10kΩ
RL = 600Ω
9
MAX475
MAX474
MAX473
Dual supplies
Single supply
VIN+ - VIN- = +1V, RL = no load
Per amplifier
VCC = 5V, RL = 10kΩ, CL = 20pF,
VIN+ - VIN- = +1V step
0.5V
≤ VOUT ≤
(VCC - 0.6V)
Current flows out of terminals
VEE ≤ VCM ≤ (VCC - 2.15V)
VCC = 2.7V to 6.0V
CONDITIONS
V
±1.35
±2.625
Operating Supply-Voltage
Range
2.7
5.25
mA
3.6
IS
Supply Current
V/µs
SR
Slew Rate
mV
±4.0
VOS
Input Offset Voltage
±2.8
±2.8
V
VOH
Output Voltage
VCC - 0.1
dB
70
AVOL
Large-Signal Gain
(Note 1)
90
nA
0
225
IB
Input Bias Current
nA
±60
IOS
Input Offset Current
dB
70
CMRR
Common-Mode Rejection Ratio
dB
70
PSRR
Power-Supply Rejection Ratio
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS
(+3V
≤ VCC ≤ +5V, VEE = 0V, VCM = 0.5V, VOUT = 0.5V, TA = -40°C to +85°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
(+3V
≤ VCC ≤ +5V, VEE = 0V, VCM = 0.5V, VOUT = 0.5V, TA = -55°C to +125°C, unless otherwise noted.)
VOL
VIN+ - VIN- = - 1V, RL = no load
VIN+ - VIN- = -1V, RL = no load
VOL
VEE + 0.08
VEE + 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com