Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX474C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX474C/D
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX474C/D Datasheet HTML 2Page - Maxim Integrated Products MAX474C/D Datasheet HTML 3Page - Maxim Integrated Products MAX474C/D Datasheet HTML 4Page - Maxim Integrated Products MAX474C/D Datasheet HTML 5Page - Maxim Integrated Products MAX474C/D Datasheet HTML 6Page - Maxim Integrated Products MAX474C/D Datasheet HTML 7Page - Maxim Integrated Products MAX474C/D Datasheet HTML 8Page - Maxim Integrated Products MAX474C/D Datasheet HTML 9Page - Maxim Integrated Products MAX474C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0V, TA = +25°C, unless otherwise noted.)
0
-60
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
10
20
5
15
-20
20
60
100
140
VCC
1V
VCC = 5V
VCC = 3V
85
0.1
1
10
100
1000
10,000
OPEN-LOOP VOLTAGE GAIN
vs. LOAD RESISTANCE
95
LOAD RESISTANCE (k
Ω)
105
115
125
VCC = 3V
VCC = 5V
10
-60
OPEN-LOOP GAIN vs. TEMPERATURE
TEMPERATURE (°C)
50
90
130
30
70
110
-20
20
60
100
140
RL = 10kΩ
RL = 600Ω
30
0
1
10
1000
OVERSHOOT vs. CAPACITIVE LOAD
10
20
CAPACITIVE LOAD (pF)
100
40
VCC = 3V
0.5V STEP
VCC = 5V
1.0V STEP
RL = NO LOAD
-60
-90
10
100
1k
10k
100k
TOTAL HARMONIC DISTORTION
AND NOISE vs. FREQUENCY
-85
-80
FREQUENCY (Hz)
-75
-70
-65
AV = +1
VIN = 1.5Vp-p
1000
10
10
100
1k
10k
100k
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
INPUT REFERRED
100
10
10
100
1k
10k
100k
CURRENT-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
INPUT REFERRED
0
-60
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
20
40
10
30
50
-20
20
60
100
140
VCC = 5V
VCC = 3V
VCC
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com