Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX474C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX474C/D
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX474C/D Datasheet HTML 4Page - Maxim Integrated Products MAX474C/D Datasheet HTML 5Page - Maxim Integrated Products MAX474C/D Datasheet HTML 6Page - Maxim Integrated Products MAX474C/D Datasheet HTML 7Page - Maxim Integrated Products MAX474C/D Datasheet HTML 8Page - Maxim Integrated Products MAX474C/D Datasheet HTML 9Page - Maxim Integrated Products MAX474C/D Datasheet HTML 10Page - Maxim Integrated Products MAX474C/D Datasheet HTML 11Page - Maxim Integrated Products MAX474C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
______________________________________________________________________________________
11
Full-Power Bandwidth
The MAX473/MAX474/MAX475’s fast 15V/µs slew rate
maximizes full-power bandwidth (FPBW). The FPBW is
given by:
SR
FPBW (Hz) = —————————————
π [VOUT peak-to-peak(max)]
where the slew rate (SR) is 15V/µs min. Figure 6 shows
the full-power bandwidth as a function of the peak-to-
peak AC output voltage.
Layout
A good layout improves performance by decreasing
the amount of stray capacitance at the amplifier’s
inputs and output. Since stray capacitance might be
unavoidable, minimize trace lengths and resistor leads,
and place external components as close to the pins as
possible.
Driving 390pF in parallel with 10k
Ω,
VCC = 5V, buffer configuration
VIN
VOUT
RL
10
Ω
MAX473/MAX474/
MAX475
CL
100
0.1
01
3
4
2
1
10
OUTPUT VOLTAGE SWING (Vp-p)
FULL-POWER
BANDWIDTH
SMALL-SIGNAL
GAIN BANDWIDTH
Figure 3. MAX474 Driving 390pF
Figure 4. Capacitive-Load Driving Circuit
Figure 5. The MAX473 easily drives 1000pF using the
Capacitive-Load Driving Circuit (Figure 4).
Figure 6. Full-Power Bandwidth vs. Peak-to-Peak AC Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com