Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20965SPBF. Datasheet(PDF) 5 Page - International Rectifier

Part # IRS20965SPBF.
Description  CLASS D AUDIO DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20965SPBF. Datasheet(HTML) 5 Page - International Rectifier

  IRS20965SPBF. Datasheet HTML 1Page - International Rectifier IRS20965SPBF. Datasheet HTML 2Page - International Rectifier IRS20965SPBF. Datasheet HTML 3Page - International Rectifier IRS20965SPBF. Datasheet HTML 4Page - International Rectifier IRS20965SPBF. Datasheet HTML 5Page - International Rectifier IRS20965SPBF. Datasheet HTML 6Page - International Rectifier IRS20965SPBF. Datasheet HTML 7Page - International Rectifier IRS20965SPBF. Datasheet HTML 8Page - International Rectifier IRS20965SPBF. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IRS20965
5
www.irf.com
© 2014 International Rectifier
February 21, 2014
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSS; all currents are defined positive into any lead. The Thermal
Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
215
V
VS
High side floating supply voltage
†
VB-20
VB+0.3
V
HO
High side floating output voltage
Vs-0.3
VB+0.3
V
CSH
CSH pin input voltage
Vs-0.3
VB+0.3
V
CC
Low side fixed supply voltage
†
-0.3
20
V
LO
Low side output voltage
-0.3
VCC +0.3
V
DD
Floating input supply voltage
-0.3
210
V
SS
Floating input supply voltage
†
(See IDDZ)
VDD+0.3
V
HIN
PWM input voltage
VSS -0.3
VDD+0.3
V
LIN
PWM input voltage
VSS -0.3
VDD+0.3
V
CSD
CSD pin input voltage
VSS -0.3
VDD+0.3
V
OC
OC pin input voltage
VSS -0.3
VDD+0.3
V
OCSET
OCSET pin input voltage
-0.3
VCC +0.3
V
REF
VREF pin voltage
-0.3
VCC +0.3
I
DDZ
Floating input supply zener clamp current
†
-
10
mA
I
CCZ
Low side supply zener clamp current
†
-
10
I
BSZ
Floating supply zener clamp current
†
-
10
I
OREF
Reference output current
-
5
dVs/dt
Allowable Vs voltage slew rate
-
50
V/ns
dVss/dt
Allowable Vss voltage slew rate
††
-
50
dVss/dt
Allowable Vss voltage slew rate upon power-up
†††
-
50
V/ms
Pd
Maximum power dissipation
-
1.0
W
RthJA
Thermal resistance, Junction to ambient
-
115
˚C/W
TJ
Junction Temperature
-
150
˚C
TS
Storage Temperature
-55
150
TL
Lead temperature (Soldering, 10 seconds)
-
300
†
VDD - VSS, VCC - COM, and VB - VS contain internal shunt zener diodes. Please note that the voltage
ratings of these can be limited by the clamping current.
††
For the rising and falling edges of step signal of 10V. VSS = 15V to 200V.
†††
VSS ramps up from 0V to 200V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com