Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20965SPBF. Datasheet(PDF) 7 Page - International Rectifier

Part # IRS20965SPBF.
Description  CLASS D AUDIO DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20965SPBF. Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS20965SPBF. Datasheet HTML 3Page - International Rectifier IRS20965SPBF. Datasheet HTML 4Page - International Rectifier IRS20965SPBF. Datasheet HTML 5Page - International Rectifier IRS20965SPBF. Datasheet HTML 6Page - International Rectifier IRS20965SPBF. Datasheet HTML 7Page - International Rectifier IRS20965SPBF. Datasheet HTML 8Page - International Rectifier IRS20965SPBF. Datasheet HTML 9Page - International Rectifier IRS20965SPBF. Datasheet HTML 10Page - International Rectifier IRS20965SPBF. Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IRS20965
7
www.irf.com
© 2014 International Rectifier
February 21, 2014
Electrical Characteristics
VCC, VBS= 12 V, IDD=3mA, VSS=20V, CL=1nF, STP=VCC and TA=25˚C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Side Supply
UV
CC+
Vcc supply UVLO positive threshold
8.4
8.9
9.4
V
UV
CC-
Vcc supply UVLO negative threshold
8.2
8.7
9.2
V
I
QCC
Low side quiescent current
-
-
1
mA
VDT =Vcc
V
CLAMPL
Low side zener diode clamp voltage
19.6
20.4
21.6
V
ICC=5mA
High Side Floating Supply
UV
BS+
High side well UVLO positive
threshold
8.0
8.5
9.0
V
UV
BS-
High side well UVLO negative
threshold
7.8
8.3
8.8
V
I
QBS
High side quiescent current
-
-
1
mA
I
LKH
High to Low side leakage current
-
-
50
µA
VB=VS =200V
V
CLAMPH
High side zener diode clamp voltage
14.7
15.3
16.2
V
IBS=5mA
Floating Input Supply
UV
DD+
VDD, VSS floating supply UVLO
positive threshold
8.2
8.7
9.2
V
VSS =0V
UV
DD-
VDD, VSS floating supply UVLO
negative threshold
7.7
8.2
8.7
V
VSS =0V
I
QDD
Floating Input quiescent current
-
-
1
mA
VDD=9.5V +Vss
V
CLAMPM
Floating Input zener diode clamp
voltage
9.8
10.2
10.8
V
IDD=5mA
I
LKM
Floating input side to Low side
leakage current
-
-
50
µA
VDD=VSS =200V
Floating PWM Input
V
IH
Logic
“1” input threshold voltage
2.3
1.9
-
V
V
IL
Logic
“0” input threshold voltage
-
1.9
1.5
V
I
IN+
Logic
“1” input bias current
-
-
40
µA
VIN =3.3V
I
IN-
Logic
“0” input bias current
-
-
1
µA
V
IN = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com