Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20965SPBF. Datasheet(PDF) 6 Page - International Rectifier

Part # IRS20965SPBF.
Description  CLASS D AUDIO DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20965SPBF. Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS20965SPBF. Datasheet HTML 2Page - International Rectifier IRS20965SPBF. Datasheet HTML 3Page - International Rectifier IRS20965SPBF. Datasheet HTML 4Page - International Rectifier IRS20965SPBF. Datasheet HTML 5Page - International Rectifier IRS20965SPBF. Datasheet HTML 6Page - International Rectifier IRS20965SPBF. Datasheet HTML 7Page - International Rectifier IRS20965SPBF. Datasheet HTML 8Page - International Rectifier IRS20965SPBF. Datasheet HTML 9Page - International Rectifier IRS20965SPBF. Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IRS20965
6
www.irf.com
© 2014 International Rectifier
February 21, 2014
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions below. The Vs and COM
offset ratings are tested with supplies biased at IDD = 3mA, VCC = 12V and VB - VS = 12V.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
Vs+10
Vs+14
V
VS
High side floating supply offset voltage
†
200
I
DDZ
Floating input supply zener clamp current
1
5
mA
V
OC
OC pin input voltage
V
SS
V
DD
V
V
SS
Floating input supply absolute voltage
0
100
V
HO
High side floating output voltage
VS
VB
V
CC
Low side fixed supply voltage
10
15
V
LO
Low side output voltage
0
V
CC
V
HIN
HIN PWM input voltage
V
SS
V
DD
V
LIN
LIN PWM input voltage
V
SS
V
DD
V
CSD
CSD pin input voltage
V
SS
V
DD
I
OREF
Reference output current to COM
††
0.3
0.8
mA
V
OCSET
OCSET pin input voltage
0.5
5
V
TA
Ambient Temperature
-40
125
˚C
†
Logic operational for Vs equal to -5V to +200V. Logic state held for Vs equal to -5V to -VBS.
††
Nominal voltage for VREF is 5V. IOREF of 0.3 – 0.8 mA dictates total external resistor value on VREF to
be 6.3k to 16.7kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com