Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20965SPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRS20965SPBF.
Description  CLASS D AUDIO DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20965SPBF. Datasheet(HTML) 1 Page - International Rectifier

  IRS20965SPBF. Datasheet HTML 1Page - International Rectifier IRS20965SPBF. Datasheet HTML 2Page - International Rectifier IRS20965SPBF. Datasheet HTML 3Page - International Rectifier IRS20965SPBF. Datasheet HTML 4Page - International Rectifier IRS20965SPBF. Datasheet HTML 5Page - International Rectifier IRS20965SPBF. Datasheet HTML 6Page - International Rectifier IRS20965SPBF. Datasheet HTML 7Page - International Rectifier IRS20965SPBF. Datasheet HTML 8Page - International Rectifier IRS20965SPBF. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IRS20965
1
www.irf.com
© 2014 International Rectifier
February 21, 2014
CLASS D AUDIO DRIVER
Features
Hi-side and Lo-side independent floating PWM
input
Programmable bidirectional over-current
detection with self-reset function
Over current sensing output
Shoot-through prevention logic
High noise immunity
±100 V ratings deliver up to 500 W in output
power
3.3 V / 5 V logic compatible input
Operates up to 800 kHz
Typical Applications
Class D audio amplifier
Half bridge converter with digital controller
Product Summary
VOFFSET (max)
 100 V
Gate driver
Io+
2.0 A
Io-
2.0 A
Propagation delay
120 ns
OC protection delay (max)
500 ns
Shutdown delay (max)
250 ns
Package Options
16-Lead SOIC
Typical Connection Diagram
(Please refer to Lead Assignments for correct pin configuration. This diagram shows electrical connections only.)


Similar Part No. - IRS20965SPBF.

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS20965 INFINEON-IRS20965 Datasheet
647Kb / 16P
CLASS D AUDIO DRIVER
February 21, 2014
More results

Similar Description - IRS20965SPBF.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM0120 ETC-BM0120 Datasheet
213Kb / 3P
20W AUDIO CLASS D
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
Class-D audio amplifier
Rev. 01-15 May 2007
logo
Silicon Laboratories
SI824X SILABS-SI824X_11 Datasheet
423Kb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Infineon Technologies A...
IRS2452AM INFINEON-IRS2452AM Datasheet
340Kb / 23P
Class D Audio IC
2016-10-05
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
logo
Infineon Technologies A...
IRS20965 INFINEON-IRS20965 Datasheet
647Kb / 16P
CLASS D AUDIO DRIVER
February 21, 2014
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com