Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20965SPBF. Datasheet(PDF) 8 Page - International Rectifier

Part # IRS20965SPBF.
Description  CLASS D AUDIO DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20965SPBF. Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS20965SPBF. Datasheet HTML 4Page - International Rectifier IRS20965SPBF. Datasheet HTML 5Page - International Rectifier IRS20965SPBF. Datasheet HTML 6Page - International Rectifier IRS20965SPBF. Datasheet HTML 7Page - International Rectifier IRS20965SPBF. Datasheet HTML 8Page - International Rectifier IRS20965SPBF. Datasheet HTML 9Page - International Rectifier IRS20965SPBF. Datasheet HTML 10Page - International Rectifier IRS20965SPBF. Datasheet HTML 11Page - International Rectifier IRS20965SPBF. Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IRS20965
8
www.irf.com
© 2014 International Rectifier
February 21, 2014
Electrical Characteristics
(cont’d)
VCC,VBS= 12 V, IDD=3mA, VSS=20V, CL=1nF, STP=VCC and TA=25˚C unless otherwise specified.
Protection
V
REF
Reference output voltage
4.8
5.1
5.4
V
IOREF =0.5mA
VthOCL
Low side OC threshold in Vs
1.1
1.2
1.3
V
OCSET=1.2V
VthOCH
High side OC threshold in VCSH
1.1+ Vs
1.2+ Vs
1.3+ Vs
V
Vth1
CSD pin shutdown release
threshold
0.62 x VDD 0.70 x VDD 0.78 x VDD
V
VSS =0V
Vth2
CSD pin self reset threshold
0.26 x VDD 0.30 x VDD 0.34 x VDD
V
VSS =0V
I
CSD+
CSD pin charge current
70
100
130
µA
VSD = VSS +5V
I
CSD-
CSD pin discharge current
70
100
130
µA
VSD = VSS +5V
I
OCC
OC output sink current
10
-
-
mA
Voc=1V
1
-
-
mA
Voc=0.1V
t
OCL
Propagation delay time from Vs>
VthOCL to Shutdown
-
-
500
ns
t
OCH
Propagation delay time from VCSH
> VthOCH to Shutdown
-
-
500
ns
PW
OC
OC output minimum pulse width
1
-
-
µs
Gate Driver
Io+
Output high short circuit
current (Source)
2.0
-
A
Vo=0V, PW<10µS
Io-
Output low short circuit current
(Sink)
2.0
-
A
Vo=12V, PW<10µS
V
OL
Low level output voltage
LO
– COM, HO - VS
-
-
0.1
V
V
OH
High level output voltage
VCC
– LO, VB - HO
-
-
1.4
V
Io=0A
tr
Turn-on rise time
-
15
-
ns
tf
Turn-off fall time
-
15
-
ns
ton_1
High and low side turn-on
propagation delay, floating inputs
-
120
-
ns
VS = 100V,
VSS = 100V
toff_1
High and low side turn-off
propagation delay, floating inputs
-
120
-
ns
ton_2
High and low side turn-on
propagation delay, non-floating
inputs
-
130
-
ns
toff_2
High and low side turn-off
propagation delay, non-floating
inputs
-
130
-
ns
DT
Intrinsic dead-time: LO turn-off to
HO turn-on (DTLO-HO) & HO turn-
off to LO turn-on (DTHO-LO)
0
10
20
ns
PWmin
Minimum pulse width for outputs to
respond. Positive or Negative.
-
25
-
ns
VS = COM
VSS = COM
OWmin
Allowable LO/HO over wrap
10
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com