Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20965SPBF. Datasheet(PDF) 13 Page - International Rectifier

Part # IRS20965SPBF.
Description  CLASS D AUDIO DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20965SPBF. Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS20965SPBF. Datasheet HTML 8Page - International Rectifier IRS20965SPBF. Datasheet HTML 9Page - International Rectifier IRS20965SPBF. Datasheet HTML 10Page - International Rectifier IRS20965SPBF. Datasheet HTML 11Page - International Rectifier IRS20965SPBF. Datasheet HTML 12Page - International Rectifier IRS20965SPBF. Datasheet HTML 13Page - International Rectifier IRS20965SPBF. Datasheet HTML 14Page - International Rectifier IRS20965SPBF. Datasheet HTML 15Page - International Rectifier IRS20965SPBF. Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IRS20965
13
www.irf.com
© 2014 International Rectifier
February 21, 2014
Lead Definitions
Pin #
Symbol
Description
1
VDD
Floating input positive supply
2
CSD
Shutdown timing capacitor, referenced to VSS
3
OC
Over current warning output, open drain referenced to VSS
4
HIN
PWM input, in phase with HO, referenced to VSS
5
LIN
PWM input, in phase with LO, referenced to VSS
6
VSS
Floating input supply return
7
VREF
5V reference output for setting OCSET, reference to COM
8
OCSET
Low side over current threshold setting, referenced to COM
9
COM
Low side supply return
10
LO
Low side output
11
VCC
Low side logic supply
12
STP
Shoot-thru prevention logic override (VCC: enabled, COM: disabled)
13
VS
High side floating supply return
14
HO
High side output
15
VB
High side floating supply
16
CSH
High side over current sensing input, referenced to VS
Lead Assignments
VDD
CSD
OC
OCSET
LO
HIN
LIN
VCC
STP
VREF
HO
VS
VSS
1
2
3
4
5
6
7
8
CSH
16
15
14
13
12
11
10
9
VB
COM
SOIC16N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com