Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1865DBT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1865DBT
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1865DBT Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1865DBT Datasheet HTML 35Page - Texas Instruments PCM1865DBT Datasheet HTML 36Page - Texas Instruments PCM1865DBT Datasheet HTML 37Page - Texas Instruments PCM1865DBT Datasheet HTML 38Page - Texas Instruments PCM1865DBT Datasheet HTML 39Page - Texas Instruments PCM1865DBT Datasheet HTML 40Page - Texas Instruments PCM1865DBT Datasheet HTML 41Page - Texas Instruments PCM1865DBT Datasheet HTML 42Page - Texas Instruments PCM1865DBT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
HPF
LPF
HPF
Decimation
Filter
DSP#1
DSP#2
Energysense Loss of
Signal Flag
SGIDET _CH_ Mode[7 :0]
Signal Resume /
Present Flag
Control Voltage
Change Flag
Main ADC
Secondary
ADC
LOSS Level
RESUME Level
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
Figure 34. Dual Thresholds for Energysense
As both thresholds are DSP based, their coefficients are stored in virtual coefficient space that is programmed
through the device register map.
For example, to change the resume threshold value to –30dB (0x040C37):
Write 0x00 0x01 ; # change to register page 1
Write 0x02 0x2D ; # write the memory address of resume threshold
Write 0x04 0x04 ; # bit[23:15]
Write 0x05 0x0C ; # bit[15:8]
Write 0x06 0x37 ; # bit[7:0]
Write 0x01 0x01 ; # execute write operation
8.14.2.5 Frequency Response of the Secondary ADC
The natural response of the secondary ADC is not flat by frequency. However, the frequency response can be
flattened, so that all frequencies are equally sensitive to the energystar detector by modifying the LPF/HPF
biquads in the DSP.
An example of the code required is shown in Table 16.
8.14.3 Programming Various Coefficients for Energysense
Programming the DSP coefficients for the Energysense secondary ADC is done through the indirect virtual
programming registers in Page1. The Low Pass Filter (LPF) and High Pass filter (HPF) coefficients can be
written to flatten out the frequency response, as well as the Energysense Loss and Resume thresholds. Visually,
one can imagine the DSP flow as shown in Figure 35.
Figure 35. Energysense process flow
To flatten out the response of the secondary ADC, so that all frequencies are detected evenly, the following
biquads should be written to the virtual DSP memory, using the techniques discussed in Programming DSP
Coefficients.
Table 16. Secondary ADC Biquad Coefficients at 48kHz
Sampling
Coefficient
Virtual RAM Address
LPF_B0:
0x20
LPF_B1:
0x21
LPF_B2:
0x22
LPF_A1:
0x23
LPF_A2:
0x24
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com