Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1865DBT Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1865DBT
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1865DBT Datasheet(HTML) 65 Page - Texas Instruments

Back Button PCM1865DBT Datasheet HTML 61Page - Texas Instruments PCM1865DBT Datasheet HTML 62Page - Texas Instruments PCM1865DBT Datasheet HTML 63Page - Texas Instruments PCM1865DBT Datasheet HTML 64Page - Texas Instruments PCM1865DBT Datasheet HTML 65Page - Texas Instruments PCM1865DBT Datasheet HTML 66Page - Texas Instruments PCM1865DBT Datasheet HTML 67Page - Texas Instruments PCM1865DBT Datasheet HTML 68Page - Texas Instruments PCM1865DBT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 115 page
background image
Combined AGND + DGND Copper Pour
5 Mic Bias
MD5 / GPIO1 / Int A / DMIN
20
MD4 / MISO / GPIO 0 / DMIN2
21
MD3 / MC / SCL
22
DOUT2 / MD2 / MOSI / SDA 23
MD1 / MS / AD
24
MD0
25
VINR3 / VIN3P 30
VINL3 / VIN4P 29
VINR4 / VIN3M 28
VINL4 / VIN4M 27
1 VINL2 / VIN1M
2 VINR2 / VIN2M
3 VINL1 / VIN1P
4 VINR1 / VIN2P
6 VREF
7 AGND
8 AVDD
9
10
11
12
13
14
15 SCKI (3.3V)
26
LRCK
DOUT
17
BCK
16
MD6 / GPIO2 / Int B / DMCLK
19
INT / GPIO3 / Int C
18
XO
XI
LDO
DGND
DVDD
IOVDD
P
Analog
Digital
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
11 Layout
11.1 PCM186x Grounding and System Partitioning
Designers should try to use the same ground between AGND and DGND to avoid any potential voltage
difference between them. On the PCM186x EVM, we achieve up to 110dB SNR using a single ground plane, and
ensuring that the return currents for digital signals do not go near the AGND pin or the input signals. Avoid
running high frequency clock and control signals near AGND, or any of the VIN pins where possible.
The pin layout of the PCM186x partitions into two parts - analog section and digital section. Providing the system
is partitioned in such a way that digital signals are routed away from the analog sections, then no digital return
currents (for example, clocks) should be generated in the analog circuitry.
Figure 66. Single Ground with Analog Partitioned to the top, Digital at the bottom
With this in mind, when we laid out the EVM, we made sure that any digital return currents had a ground plane to
their source/destination that didn't require passing below any analog circuitry. shown in Figure 67
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com