Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1865DBT Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1865DBT
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1865DBT Datasheet(HTML) 58 Page - Texas Instruments

Back Button PCM1865DBT Datasheet HTML 54Page - Texas Instruments PCM1865DBT Datasheet HTML 55Page - Texas Instruments PCM1865DBT Datasheet HTML 56Page - Texas Instruments PCM1865DBT Datasheet HTML 57Page - Texas Instruments PCM1865DBT Datasheet HTML 58Page - Texas Instruments PCM1865DBT Datasheet HTML 59Page - Texas Instruments PCM1865DBT Datasheet HTML 60Page - Texas Instruments PCM1865DBT Datasheet HTML 61Page - Texas Instruments PCM1865DBT Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 115 page
background image
VINR3 / VIN3P 30
VINL3 / VIN4P 29
VINR4 / VIN3M 28
VINL4 / VIN4M 27
1 VINL2 / VIN1M
2 VINR2 / VIN2M
3 VINL1 / VIN1P
4 VINR1 / VIN2P
5 Mic Bias
6 VREF
7 AGND
8 AVDD
9 XO
10 XI
11 LDO
12 DGND
13 DVDD
14 IOVDD
15 SCKI (3.3V)
Stereo Pair
Stereo Pair
Stereo Pair
Stereo Pair
Digital Output
Bit Clock
Left / Right Clock
Note : Pins not shown in
specific order
10uF
10uF
10uF
10uF
10uF
10uF
10uF
10uF
DOUT 18
BCK 17
LRCK 16
MD0 26
MISO/GPIO0/DMIN2 22
GPIO1 / Int A / DMIN 21
GPIO2 / Int B / DMCLK 20
GPIO3 / Int C 19
AD 25
SDA 23
SCL 24
I2C Bus
Interrupt / GPIO
I2C Select
I2C Address Select
GND
1.8V
2.2 mF
2.2 mF
GND
4.7 mF
GND
3.3V
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
Typical Applications (continued)
9.2.2 PCM1863 with 3.3V AVDD, DVDD , 1.8V IOVDD, BCK Input Slave PLL
Figure 58. Simplified Schematic, PCM1863 I2C Controlled Subsystem
9.2.2.1 Design Requirements
•
Device control method: Software control by I2C
•
Clock slave to a 1.8V device that only supplies BCK and LRCK (such as a Bluetooth Module)
•
Single-ended analog inputs
9.2.2.2 Detailed Design Procedure
•
Device control method: Configure for I2C by Pulling MD0 to GND, and setting I2C address by setting the AD
pin High or Low
•
Ensure that BCK is configured in clock master device to be 64×fS for automatic PLL setting to function.
•
Single-ended analog inputs
–
MD2, MD5, MD6 configuration - see Table 2
•
Audio slave mode
–
Configure appropriate clock registers
–
Page.0 0x20 - Set MST_MODE=1 (I2S Slave)
•
The power rails in this application allow the usage of X7R Ceramic capacitors. A maximum voltage rating of
6.3V should be enough for the power supply capacitors.
58
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com