Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV844MT/NOPB Datasheet HTML 1Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LMV841, LMV842, LMV844
www.ti.com
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
Operating Ratings
(1)
Temperature Range (2)
−40°C to +125°C
Supply Voltage (V+ – V−)
2.7V to 12V
Package Thermal Resistance [
θJA
(2)]
5-Pin SC70
334 °C/W
8-Pin VSSOP
205 °C/W
8-Pin SOIC
126 °C/W
14-Pin TSSOP
110 °C/W
14-Pin SOIC
93 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA) / θJA . All numbers apply for packages soldered directly onto a PC board.
3.3V Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 3.3V, V− = 0V, V
CM = V
+/2, and R
L > 10MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
±50
±500
VOS
Input Offset Voltage
μV
±800
TCVOS
Input Offset Voltage Drift (4)
0.5
±5
μV/°C
Input Bias Current
0.3
10
IB
pA
(4) (5)
300
IOS
Input Offset Current
40
fA
Common Mode Rejection Ratio LMV841
84
112
0V
≤ VCM ≤ 3.3V
dB
80
CMRR
Common Mode Rejection Ratio LMV842
77
106
0V
≤ VCM ≤ 3.3V
dB
and LMV844
75
86
108
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, VO = V
+/2
dB
82
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 50 dB
–0.1
3.4
V
RL = 2 kΩ
100
123
dB
VO = 0.3V to 3.0V
96
AVOL
Large Signal Voltage Gain
RL = 10 kΩ
100
131
dB
VO = 0.2V to 3.1V
96
52
80
RL = 2 kΩ to V
+/2
mV
120
Output Swing High,
(measured from V+)
28
50
RL = 10 kΩ to V
+/2
mV
70
VO
65
100
RL = 2 kΩ to V
+/2
mV
120
Output Swing Low,
(measured from V−)
33
65
RL = 10 kΩ to V
+/2
mV
75
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(4)
This parameter is guaranteed by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com