Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV844MT/NOPB Datasheet HTML 1Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LMV841, LMV842, LMV844
www.ti.com
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, and R
L > 10MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
68
100
RL = 2 kΩ to V
+/2
mV
120
Output Swing High,
(measured from V+)
32
50
RL = 10 kΩ to V
+/2
mV
70
VO
78
120
RL = 2 kΩ to V
+/2
mV
140
Output Swing Low,
(measured from V-)
38
70
RL = 10 kΩ to V
+/2
mV
80
Sourcing VO = V
+/2
20
33
mA
VIN = 100 mV
15
Output Short Circuit Current
IO
(6) (7)
Sinking VO = V
+/2
20
28
mA
VIN = −100 mV
15
0.96
1.5
IS
Supply Current
Per Channel
mA
2
AV = +1, VO = 4 VPP
SR
Slew Rate (8)
2.5
V/
μs
10% to 90%
GBW
Gain Bandwidth Product
4.5
MHz
Φm
Phase Margin
67
Deg
en
Input-Referred Voltage Noise
f = 1 kHz
20
nV/
ROUT
Open Loop Output Impedance
f = 3 MHz
70
Ω
f = 1 kHz , AV = 1
THD+N
Total Harmonic Distortion + Noise
0.003
%
RL = 10 kΩ
CIN
Input Capacitance
6
pF
(6)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA) / θJA . All numbers apply for packages soldered directly onto a PC board.
(7)
Short circuit test is a momentary test.
(8)
Number specified is the slower of positive and negative slew rates.
±5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 5V, V− = –5V, V
CM = 0V, and RL > 10MΩ to VCM.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
±50
±500
VOS
Input Offset Voltage
μV
±800
TCVOS
Input Offset Voltage Drift (4)
0.25
±5
μV/°C
Input Bias Current
0.3
10
IB
pA
(4) (5)
300
IOS
Input Offset Current
40
fA
Common Mode Rejection Ratio
86
112
–5V
≤ VCM ≤ 5V
dB
LMV841
80
CMRR
Common Mode Rejection Ratio
86
106
–5V
≤ VCM ≤ 5V
dB
LMV842 and LMV844
80
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(4)
This parameter is guaranteed by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com