Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMV844MT/NOPB Datasheet HTML 16Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 17Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 18Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 19Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 20Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 21Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 22Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 23Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
= 20 nV/ Hz
en out = en in × Anoise
× 101 = 2 PV/ Hz
en in =
env
2
+ enr
2
= 20 nV/ Hz
1 nV/ Hz
(
)2
20 nV/ Hz
(
)2
=
+
enr =
4kTReq
= 1 nV/ Hz
=
4 × 1.38 × 10
-23
J/K × 298K × 99:
RF + RG
RF × RG
Req =
10 k: × 100:
= 99:
=
10 k: + 100:
= 45 nV/ Hz
en out = en in × Anoise
× 101 = 4.5 PV/ Hz
en in =
env
2
+ enr
2
= 45 nV/ Hz
40 nV/ Hz
(
)2
20 nV/ Hz
(
)2
=
+
enr =
4kTReq
= 40 nV/ Hz
=
4 × 1.38 × 10
-23
J/K × 298K × 99 k:
RF + RG
RF × RG
Req =
10 M: × 100 k:
= 99 k:
=
10 M: + 100 k:
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
The equivalent resistance for the first example with a resistor RF of 10MΩ and a resistor RG of 100kΩ at 25°C
(298 K) equals:
(5)
Now the noise of the resistors can be calculated, yielding:
(6)
The total noise at the input of the op amp is:
(7)
For the first example, this input noise will, multiplied with the noise gain, give a total output noise of:
(8)
In the second example, with a resistor RF of 10kΩ and a resistor RG of 100Ω at 25°C (298K), the equivalent
resistance equals:
(9)
The resistor noise for the second example is:
(10)
The total noise at the input of the op amp is:
(11)
For the second example the input noise will, multiplied with the noise gain, give an output noise of
(12)
In the first example the noise is dominated by the resistor noise due to the very high resistor values, in the
second example the very low resistor values add only a negligible contribution to the noise and now the
dominating factor is the op amp itself. When selecting the resistor values, it is important to choose values that
don't add extra noise to the application. Choosing values above 100k
Ω may increase the noise too much. Low
values will keep the noise within acceptable levels; choosing very low values however, will not make the noise
even lower, but will increase the current of the circuit.
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com