Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMV844MT/NOPB Datasheet HTML 18Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 19Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 20Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 21Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 22Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 23Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 24Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 25Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Z
LOAD
+
-
RF
RF
RS
V
+
RG
RG
FREQUENCY (Hz)
10
0
-10
-20
-30
-40
1k
10k
100k
FILTER A
FILTER B
COMBINED
FILTER
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
Figure 41. Active Filter Curve
The responses of filter A and filter B are shown as the thin lines in Figure 41; the response of the combined filter
is shown as the thick line. Shifting the center frequencies of the separate filters farther apart, will result in a wider
band; however, positioning the center frequencies too far apart will result in a less flat gain within the band. For
wider bands more band-pass filters can be cascaded.
Tip: Use the WEBENCH internet tools at www.ti.com for your filter application.
HIGH-SIDE CURRENT SENSING
The rail-to-rail input and the low VOS features make the LMV841/LMV842/LMV844 ideal op amps for high-side
current sensing applications.
To measure a current, a sense resistor is placed in series with the load, as shown in Figure 42. The current
flowing through this sense resistor will result in a voltage drop, that is amplified by the op amp.
Suppose it is necessary to measure a current between 0A and 2A using a sense resistor of 100m
Ω, and convert
it to an output voltage of 0 to 5V. A current of 2A flowing through the load and the sense resistor will result in a
voltage of 200mV across the sense resistor. The op amp will amplify this 200mV to fit the current range to the
output voltage range. Use the formula:
VOUT = RF/RG * VSENSE
(20)
to calculate the gain needed. For a load current of 2A and an output voltage of 5V the gain would be VOUT /
VSENSE = 25.
If the feedback resistor, RF, is 100kΩ, then the value for RG will be 4kΩ. The tolerance of the resistors has to be
low to obtain a good common-mode rejection.
Figure 42. High-Side Current Sensing
22
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com