Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMV844MT/NOPB Datasheet HTML 20Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 21Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 22Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 23Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 24Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 25Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 26Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 27Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
TEMPERATURE (°C)
50
40
30
20
10
0
-10
-200
0
200
400
600
800 1000 1200
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
The K-type thermocouple has good sensitivity when compared to many other types; the sensitivity is 41 uV/°C.
Lower sensitivity requires more gain and makes the application more sensitive to noise.
In addition, a K-type thermocouple is not expensive, many other thermocouples consist of more expensive
materials or are more difficult to produce.
Figure 44. K-Type Thermocouple Response
Thermocouple Example
For this example suppose the range of interest is from 0°C to 500°C, and the resolution needed is 0.5°C. The
power supply for both the LMV841, LMV842, or LMV844 and the ADC is 3.3V.
The temperature range of 0°C to 500°C results in a voltage range from 0mV to 20.6mV produced by the
thermocouple. This is shown in Figure 44.
To obtain the best accuracy the full ADC range of 0 to 3.3V is used and the gain needed for this full range can
be calculated as follows:
AV = 3.3V / 0.0206V = 160.
If RG is 2kΩ, then the value for RF can be calculated with this gain of 160. Since AV = RF / RG, RF can be
calculated as follows:
RF = AV * RG = 160 x 2kΩ = 320kΩ
To get a resolution of 0.5°C a step smaller then the minimum resolution is needed. This means that at least 1000
steps are necessary (500°C/0.5°C). A 10-bit ADC would be sufficient as this will give 1024 steps. A 10-bit ADC
such as the two channel 10-bit ADC102S021 would be a good choice.
Unwanted Thermocouple Effect
At the point where the thermocouple wires are connected to the circuit, usually copper wires or traces, an
unwanted thermocouple effect will occur.
At this connection, this could be the connector on a PCB, the thermocouple wiring forms a second thermocouple
with the connector. This second thermocouple disturbs the measurements from the intended thermocouple.
Using an isothermal block as a reference will compensate for this additional thermocouple effect . An isothermal
block is a good heat conductor. This means that the two thermocouple connections both have the same
temperature. The temperature of the isothermal block can be measured, and thereby the temperature of the
thermocouple connections. This is usually called the cold junction reference temperature.
In the example, an LM35 is used to measure this temperature. This semiconductor temperature sensor can
accurately measure temperatures from
−55°C to 150°C.
24
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com