Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16C554 Datasheet HTML 71Page - Microchip Technology PIC16C554 Datasheet HTML 72Page - Microchip Technology PIC16C554 Datasheet HTML 73Page - Microchip Technology PIC16C554 Datasheet HTML 74Page - Microchip Technology PIC16C554 Datasheet HTML 75Page - Microchip Technology PIC16C554 Datasheet HTML 76Page - Microchip Technology PIC16C554 Datasheet HTML 77Page - Microchip Technology PIC16C554 Datasheet HTML 78Page - Microchip Technology PIC16C554 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 75
PIC16C55X(A)
FIGURE 10-3: CLKOUT AND I/O TIMING
TABLE 10-3:
CLKOUT AND I/O TIMING REQUIREMENTS
Parameter #
Sym
Characteristic
Min
Typ†
Max
Units
10*
TosH2ckL
OSC1
↑ to CLKOUT↓ (Note1)
—
—
75
—
200
400
ns
ns
11*
TosH2ckH
OSC1
↑ to CLKOUT↑ (Note1)
—
—
75
—
200
400
ns
ns
12*
TckR
CLKOUT rise time (Note1)
—
—
35
—
100
200
ns
ns
13*
TckF
CLKOUT fall time (Note1)
—
—
35
—
100
200
ns
ns
14*
TckL2ioV
CLKOUT
↓ to Port out valid (Note1)
—
—
20
ns
15*
TioV2ckH
Port in valid before CLKOUT
↑ (Note1)
Tosc +200 ns
Tosc +400 ns
—
—
—
—
ns
ns
16*
TckH2ioI
Port in hold after CLKOUT
↑ (Note1)
0
—
—
ns
17*
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid
—
—
50
150
300
ns
ns
18*
TosH2ioI
OSC1
↑ (Q2 cycle) to Port input invalid (I/O in hold
time)
100
200
—
—
—
—
ns
ns
19*
TioV2osH
Port input valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20*
TioR
Port output rise time
—
—
10
—
40
80
ns
ns
21*
TioF
Port output fall time
—
—
10
—
40
80
ns
ns
22*
Tinp
RB0/INT pin high or low time
25
40
—
—
—
—
ns
ns
23
Trbp
RB<7:4> change interrupt high or low time
Tcy
—
—
ns
*
These parameters are characterized but not tested
† Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1: Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC
22
23
Note: All tests must be do with specified capacitance loads (Figure 10-1) 50 pF on I/O pins and CLKOUT
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com