Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16C554 Datasheet HTML 78Page - Microchip Technology PIC16C554 Datasheet HTML 79Page - Microchip Technology PIC16C554 Datasheet HTML 80Page - Microchip Technology PIC16C554 Datasheet HTML 81Page - Microchip Technology PIC16C554 Datasheet HTML 82Page - Microchip Technology PIC16C554 Datasheet HTML 83Page - Microchip Technology PIC16C554 Datasheet HTML 84Page - Microchip Technology PIC16C554 Datasheet HTML 85Page - Microchip Technology PIC16C554 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
PIC16C55X(A)
DS40143B-page 82
Preliminary
© 1997 Microchip Technology Inc.
11.2
18-Lead Plastic Dual In-line (300 mil)
Package Group: Plastic Dual In-Line (PLA)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
A
–
4.064
–
0.160
A1
0.381
–
0.015
–
A2
3.048
3.810
0.120
0.150
B
0.355
0.559
0.014
0.022
B1
1.524
1.524
Reference
0.060
0.060
Reference
C
0.203
0.381
Typical
0.008
0.015
Typical
D
22.479
23.495
0.885
0.925
D1
20.320
20.320
Reference
0.800
0.800
Reference
E
7.620
8.255
0.300
0.325
E1
6.096
7.112
0.240
0.280
e1
2.489
2.591
Typical
0.098
0.102
Typical
eA
7.620
7.620
Reference
0.300
0.300
Reference
eB
8.128
9.906
0.320
0.390
L
3.048
3.556
0.120
0.140
N
18
18
18
18
S
0.889
–
0.035
–
S1
0.127
–
0.005
–
N
Pin No. 1
Indicator
Area
E1
E
S
D
B1
B
D1
Base
Plane
Seating
Plane
S1
A1 A2 A
L
e1
C
eA
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com